Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C145-35JXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C145-35JXC
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-35JXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C145-35JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 9Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 10Page - Cypress Semiconductor CY7C145-35JXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 7 of 20
Electrical Characteristics
Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C144-35
7C145-35
7C144-55
7C145-55
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
−10
+10
−10
+10
μA
IOZ
Output Leakage Current
Outputs Disabled, GND < VO < VCC
−10
+10
−10
+10
μA
ICC
Operating Current
VCC = Max., IOUT = 0 mA
Outputs Disabled
Commercial
160
160
mA
Industrial
180
180
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER > VIH,
f = fMAX[7]
Commercial
30
30
mA
Industrial
40
40
ISB2
Standby Current
(One Port TTL Level)
CEL or CER > VIH,
f = fMAX[7]
Commercial
100
100
mA
Industrial
110
110
ISB3
Standby Current
(Both Ports CMOS Levels)
Both Ports
CE and CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0[7]
Commercial
15
15
mA
Industrial
30
30
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, Active
Port Outputs, f = fMAX[7]
Commercial
90
90
mA
Industrial
100
100
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
15
pF
Figure 4. AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
≤ 3ns
≤ 3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load1)
5V
OUTPUT
C= 30 pF
VTH = 1.4V
OUTPUT
C = 30pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 3)
C= 30 pF
OUTPUT
Load (Load 2)
5V
OUTPUT
C= 5 pF
R1 = 893
Ω
R2 = 347
Ω
RTH = 250Ω
R1 = 893
Ω
R = 347
Ω
[+] Feedback


Similar Part No. - CY7C145-35JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-35JXC CYPRESS-CY7C145-35JXC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-35JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com