Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1310JV18-250BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1310JV18-250BZXC
Description  18 Mbit QDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1310JV18-250BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1310JV18-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1310JV18-250BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CY7C1310JV18, CY7C1910JV18
CY7C1312JV18, CY7C1314JV18
Document #: 001-43127 Rev. *A
Page 6 of 26
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1310JV18 - D[7:0]
CY7C1910JV18 - D[8:0]
CY7C1312JV18 - D[17:0]
CY7C1314JV18 - D[35:0]
WPS
Input-
Synchronous
Write Port Select
− Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1
Nibble Write Select 0, 1
− Active LOW (CY7C1310JV18 Only). Sampled on the rising edge of the K
and K clocks during write operations. Used to select which nibble is written into the device during the
current portion of the write operations.Nibbles not written remain unaltered. NWS0 controls D[3:0] and
NWS1 controls D[7:4].
All Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1910JV18
− BWS
0 controls D[8:0]
CY7C1312JV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9].
CY7C1314JV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (Read address) and K (Write address) clocks during
active read and write operations. These address inputs are multiplexed for both read and write operations.
Internally, the device is organized as 2M x 8 (2 arrays each of 1M x 8) for CY7C1310JV18, 2M x 9 (2
arrays each of 1M x 9) for CY7C1910JV18, 1M x 18 (2 arrays each of 512K x 18) for CY7C1312JV18
and 512K x 36 (2 arrays each of 256K x 36) for CY7C1314JV18. Therefore, only 20 address inputs are
needed to access the entire memory array of CY7C1310JV18 and CY7C1910JV18, 19 address inputs
for CY7C1312JV18 and 18 address inputs for CY7C1314JV18. These inputs are ignored when the appro-
priate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output Signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the C and C clocks during read operations, or K and K when in single
clock mode. When the read port is deselected, Q[x:0] are automatically tri-stated.
CY7C1310JV18
− Q
[7:0]
CY7C1910JV18
− Q
[8:0]
CY7C1312JV18
− Q
[17:0]
CY7C1314JV18
− Q
[35:0]
RPS
Input-
Synchronous
Read Port Select
− Active LOW. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is
allowed to complete and the output drivers are automatically tri-stated following the next rising edge of
the C clock. Each read access consists of a burst of two sequential transfers.
C
Input Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1310JV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310AV18 CYPRESS-CY7C1310AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-133BZC CYPRESS-CY7C1310AV18-133BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-167BZC CYPRESS-CY7C1310AV18-167BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1310JV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com