Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C145-25JC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C145-25JC
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-25JC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C145-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 6 of 20
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.[5]
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage[6]
..............................................−0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch Up Current .................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
−40
°C to +85°C
5V
± 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
7C144-15
7C145-15
7C144-25
7C145-25
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
−10
+10
−10
+10
μA
IOZ
Output Leakage Current
Outputs Disabled, GND < VO < VCC
−10
+10
−10
+10
μA
ICC
Operating Current
VCC = Max., IOUT = 0 mA
Outputs Disabled
Commercial
220
180
mA
Industrial
190
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER > VIH,
f = fMAX[7]
Commercial
60
40
mA
Industrial
50
ISB2
Standby Current
(One Port TTL Level)
CEL or CER > VIH,
f = fMAX[7]
Commercial
130
110
mA
Industrial
120
ISB3
Standby Current
(Both Ports CMOS Levels)
Both Ports
CE and CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0[7]
Commercial
15
15
mA
Industrial
30
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, Active
Port Outputs, f = fMAX[7]
Commercial
125
100
mA
Industrial
115
Notes
5. The Voltage on any input or I/O pin cannot exceed the power pin during power up.
6. Pulse width < 20 ns.
7. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3
[+] Feedback


Similar Part No. - CY7C145-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-25JC CYPRESS-CY7C145-25JC Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-25JC CYPRESS-CY7C145-25JC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com