Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399BN-12VXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1399BN-12VXC
Description  256K (32K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BN-12VXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1399BN-12VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BN-12VXC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
256K (32K x 8) Static RAM
CY7C1399BN
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06490 Rev. *A
Revised August 31, 2006
Features
• Temperature Ranges
— Industrial: –40°C to 85°C
— Automotive-A: –40°C to 85°C
• Single 3.3V power supply
• Ideal for low-voltage cache memory applications
• High speed: 12 ns
• Low active power
— 180 mW (max.)
• Low-power alpha immune 6T cell
• Available in Pb-free and non Pb-free Plastic SOJ and
TSOP I packages
Functional Description[1]
The CY7C1399BN is a high-performance 3.3V CMOS Static
RAM organized as 32,768 words by 8 bits. Easy memory
expansion is provided by an active LOW Chip Enable (CE) and
active LOW Output Enable (OE) and tri-state drivers. The
device has an automatic power-down feature, reducing the
power consumption by more than 95% when deselected.
An active LOW Write Enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins is present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and Write Enable
(WE) is HIGH. The CY7C1399BN is available in 28-pin
standard 300-mil-wide SOJ and TSOP Type I packages.
Note:
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
Selection Guide
-12
-15
-20
Maximum Access Time (ns)
12
15
20
Maximum Operating Current (mA)
55
50
45
Maximum CMOS Standby Current (
µA)
Commercial
500
500
500
Commercial (L)
50
50
50
Industrial
500
500
Automotive-A
500
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
SOJ
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A9
A0


Similar Part No. - CY7C1399BN-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BN-12VXC CYPRESS-CY7C1399BN-12VXC Datasheet
308Kb / 8P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C1399BN-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com