Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1024DV33-10BGXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1024DV33-10BGXI
Description  3-Mbit (128K X 24) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1024DV33-10BGXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1024DV33-10BGXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1024DV33-10BGXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1024DV33
Document Number: 001-08353 Rev. *C
Page 3 of 9
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +125°C
Supply Voltage on VCC Relative to GND
[2] ....–0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State [2]................................... –0.5V to VCC + 0.5V
DC Input Voltage [2] ............................... –0.5V to VCC + 0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage............. ...............................>2001V
(MIL-STD-883, Method 3015)
Latch Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Industrial
–40
°C to +85°C3.3V ± 0.3V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions [3]
–10
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
[2]
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
μA
IOZ
Output Leakage Current
GND < VOUT < VCC, output disabled
–1
+1
μA
ICC
VCC Operating Supply
Current
VCC = Max, f = fMAX = 1/tRC
IOUT = 0 mA CMOS levels
175
mA
ISB1
Automatic CE Power Down
Current —TTL Inputs
Max VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
30
mA
ISB2
Automatic CE Power Down
Current — CMOS Inputs
Max VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V, or VIN < 0.3V, f = 0
25
mA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
I/O Capacitance
10
pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
119-Ball
PBGA
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still air, soldered on a 3 × 4.5 inch,
four layer printed circuit board
20.31
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
8.35
°C/W
Notes
2. VIL (min) = –2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns.
3. CE refers to a combination of CE1, CE2, and CE3. CE is LOW when CE1, CE3 are LOW and CE2 is HIGH. CE is HIGH when CE1 is HIGH, or CE2 is LOW, or CE3 is HIGH.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1024DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
More results

Similar Description - CY7C1024DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_07 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024AV33 CYPRESS-CY7C1024AV33 Datasheet
220Kb / 11P
   128K x 24 Static RAM
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com