Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C028V-25AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C028V-25AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C028V-25AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C028V-25AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C028V-25AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C027V/027VN/027AV/028V
CY7C037V/037AV/038V
Document #: 38-06078 Rev. *B
Page 7 of 18
Figure 3. AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 590
Ω
3.3V
OUTPUT
R2 = 435
Ω
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 590
Ω
R2 = 435
Ω
3.3V
OUTPUT
C= 5pF
RTH = 250Ω
including scope and jig)
(Used for tLZ, tHZ, tHZWE, & tLZWE
Switching Characteristics Over the Operating Range[6]
Parameter
Description
CY7C027V/027VN/027AV/028V/
CY7C037V/037AV/038V
Unit
-15
-20
-25
Min
Max
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
15
20
25
ns
tAA
Address to Data Valid
15
20
25
ns
tOHA
Output Hold From Address Change
3
3
3
ns
tACE
[7]
CE LOW to Data Valid
15
20
25
ns
tDOE
OE LOW to Data Valid
10
12
13
ns
tLZOE
[8, 9, 10]
OE LOW to Low Z
3
3
3
ns
tHZOE
[8, 9, 10]
OE HIGH to High Z
10
12
15
ns
tLZCE
[8, 9, 10]
CE LOW to Low Z
3
3
3
ns
tHZCE
[8, 9, 10]
CE HIGH to High Z
10
12
15
ns
tPU
[10]
CE LOW to Power Up
0
0
0
ns
tPD
[10]
CE HIGH to Power Down
15
20
25
ns
tABE
[7]
Byte Enable Access Time
15
20
25
ns
Write Cycle
tWC
Write Cycle Time
15
20
25
ns
tSCE
[7]
CE LOW to Write End
12
16
20
ns
tAW
Address Valid to Write End
12
16
20
ns
tHA
Address Hold From Write End
0
0
0
ns
tSA
[7]
Address Setup to Write Start
0
0
0
ns
tPWE
Write Pulse Width
12
17
22
ns
tSD
Data Setup to Write End
10
12
15
ns
Notes
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOI/IOH
and 30 pF load capacitance.
7. To access RAM, CE=L, UB=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
8. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
9. Test conditions used are Load 2.
10. This parameter is guaranteed by design, but it is not production tested. For information on port-to-port delay through RAM cells from writing port to reading port,
refer to Figure 11.
[+] Feedback


Similar Part No. - CY7C028V-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C028V-25AXC CYPRESS-CY7C028V-25AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-25AXC CYPRESS-CY7C028V-25AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-25AXC CYPRESS-CY7C028V-25AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C028V-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com