Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65630-56LTXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C65630-56LTXCT
Description  EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65630-56LTXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C65630-56LTXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C65630-56LTXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CY7C656xx
Document Number: 38-08037 Rev. *M
Page 7 of 25
Pin Description
Table 3. Pin Assignments[3]
Pin
CY7C65630
Name
CY7C65620
Name
Type Default
Description
3
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
7
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
11
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
15
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
19
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
23
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
27
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
33
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
39
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
55
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
4
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
8
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
12
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
16
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
20
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
24
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
28
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
34
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
40
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
47
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
50
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
56
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
21
XIN
XIN
Input
N/A
24 MHz Crystal IN or External Clock Input.
22
XOUT
XOUT
Output
N/A
24 MHz Crystal OUT. (NC if external clock is used)
46
RESET#
RESET#
Input
N/A
Active LOW Reset. This pin resets the entire chip. It is normally tied to
VCC through a 100K resistor, and to GND through a 0.1 µF capacitor. No
other special power up procedure is required.
45
SELFPWR
SELFPWR
Input
N/A
Self Power. Indicator for bus or self powered. 0 is bus powered, 1 is self
powered.
26
VBUSPOWER
VBUSPOWER
Input
N/A
VBUS. Connect to the VBUS pin of the upstream connector. This signal
indicates to the hub that it is in a connected state, and may enable the
D+ pull up resistor to indicate a connection. (The hub does so after the
external EEPROM is read).
SPI Interface
25
SPI_CS
SPI_CS
Output
O
SPI Chip Select. Connect to CS pin of the EEPROM.
48
SPI_SCK
SPI_SCK
Output
O
SPI Clock. Connect to EEPROM SCK pin.
49
SPI_SD
SPI_SD
I/O/Z
Z
SPI Dataline Connect to GND with 15 K
Ω resistor and to the Data I/O
pin of the EEPROM.
Upstream Port
17
D–
D–
I/O/Z
Z
Upstream D– Signal.
18
D+
D+
I/O/Z
Z
Upstream D+ Signal.
Note
3. Unused port DD+/DD– lines can be left floating. Leave the port power, amber, and green LED pins unconnected, and deassert the overcurrent pin. Do not leave the
overcurrent pin floating; it is an input.
[+] Feedback


Similar Part No. - CY7C65630-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65630-56LTXCT CYPRESS-CY7C65630-56LTXCT Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65630-56LTXCT CYPRESS-CY7C65630-56LTXCT Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65630-56LTXCT CYPRESS-CY7C65630-56LTXCT Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65630-56LTXCT CYPRESS-CY7C65630-56LTXCT Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65630-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com