Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C109BN-15ZC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C109BN-15ZC
Description  128K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109BN-15ZC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C109BN-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C109BN-15ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C109BN
CY7C1009BN
Document #: 001-06430 Rev. **
Page 4 of 9
Data Retention Characteristics Over the Operating Range (Low Power version only)
Parameter
Description
Conditions
Min.
Max
Unit
VDR
VCC for Data Retention
No input may exceed VCC + 0.5V
VCC = VDR = 2.0V,
CE1 > VCC – 0.3V or CE2 < 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
2.0
V
ICCDR
Data Retention Current
150
µA
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
Operation Recovery Time
200
µs
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1[10, 11]
Read Cycle No. 2 (OE Controlled)[11, 12]
Notes:
10. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
11. WE is HIGH for read cycle.
12. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH.
4.5V
4.5V
CE
VCC
tCDR
VDR > 2V
DATA RETENTION MODE
tR
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
HIGH
OE
CE1
ICC
ISB
IMPEDANCE
ADDRESS
CE2
DATA OUT
VCC
SUPPLY
CURRENT


Similar Part No. - CY7C109BN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109BN-15ZC CYPRESS-CY7C109BN-15ZC Datasheet
455Kb / 9P
   128K x 8 Static RAM
More results

Similar Description - CY7C109BN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com