Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC5613DP Datasheet(PDF) 3 Page - Texas Instruments

Part # UC5613DP
Description  9-Line Low Capacitance SCSI Active Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5613DP Datasheet(HTML) 3 Page - Texas Instruments

  UC5613DP Datasheet HTML 1Page - Texas Instruments UC5613DP Datasheet HTML 2Page - Texas Instruments UC5613DP Datasheet HTML 3Page - Texas Instruments UC5613DP Datasheet HTML 4Page - Texas Instruments UC5613DP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines = Open
17
23
mA
All termination lines = 0.5V
200
225
mA
Power Down Mode
DISCNCT = Open
100
150
µA
Output Section (Terminator Lines)
Terminator Impedance
∆ILINE = -5mA to -15mA
104.5
110
115.5
Ohms
Output High Voltage
TRMPWR = 4V (Note 1)
2.7
2.9
V
Max Output Current
VLINE = 0.5V
TJ = 25
°C
-20.3
-21.5
-22.4
mA
0°C < TJ < 70°C
-19.8
-21.5
-22.4
mA
Max Output Current
VLINE = 0.5V, TRMPWR = 4V (Note 1)
TJ = 25
°C
-19.5
-21.5
-22.4
mA
0°C < TJ < 70°C
-19.0
-21.5
-22.4
mA
VLINE = 0.2V, TRMPWR = 4V to 5.25V
0°C < TJ < 70°C
-21.6
-24.0
-25.4
mA
Output Leakage
DISCNCT = 4V TRMPWR = 0V to 5.25V
REG = 0V
VLINE = 0 to 4V
10
400
nA
VLINE = 5.25V
100
µA
TRMPWR = 0V to 5.25V, REG = Open
VLINE = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = Open, DP Package (Note 2)
3
4.5
pF
Regulator Section
Regulator Output Voltage
2.8
2.9
3
V
Regulator Output Voltage
All Termination Lines = 5V
2.8
2.9
3
V
Line Regulation
TRMPWR = 4V to 6V
10
20
mV
Load Regulation
IREG = +100mA to -100mA
20
50
mV
Drop Out Voltage
All Termination Lines = 0.5V
0.7
1
V
Short Circuit Current
VREG = 0V
-200
-400
-600
mA
Sinking Current Capability
VREG = 3.5V
200
400
600
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold
1.3
1.5
1.7
V
Threshold Hysteresis
100
160
250
mV
Input Current
DISCNCT = 0V
10
15
µA
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 4.75V, DISCNCT = 0V. TA = TJ.
UC5613
Note 1: Measuring each termination line while other 8 are low (0.5V).
Note 2: Guaranteed by design. Not 100% tested in production.
Figure 1: Typical SCSI Bus Configurations Utilizing 2 UC5613 Devices
APPLICATION INFORMATION
UDG-94007-1
3


Similar Part No. - UC5613DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI1-UC5612 Datasheet
320Kb / 10P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
UC5612DP TI1-UC5612DP Datasheet
320Kb / 10P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
UC5612DPG4 TI1-UC5612DPG4 Datasheet
320Kb / 10P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
UC5612DPTR TI1-UC5612DPTR Datasheet
320Kb / 10P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
More results

Similar Description - UC5613DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
UC5608 TI-UC5608 Datasheet
230Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com