Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C132 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C132
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C132 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C132_09 Datasheet HTML 1Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 2Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C132_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2K x 8 Dual-Port Static RAM
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06031 Rev. *E
Revised March 24, 2009
Features
True dual-ported memory cells that enable simultaneous reads
of the same memory location
2K x 8 organization
0.65 micron CMOS for optimum speed and power
High speed access: 15 ns
Low operating power: ICC = 110 mA (maximum)
Fully asynchronous operation
Automatic power down
Master CY7C132/CY7C136/CY7C136A
[1] easily expands data
bus width to 16 or more bits using slave CY7C142/CY7C146
BUSY output flag on CY7C132/CY7C136/CY7C136A;
BUSY input on CY7C142/CY7C146
INT flag for port to port communication (52-Pin PLCC/PQFP
versions)
CY7C136, CY7C136A, and CY7C146 available in 52-pin
PLCC and 52-pin PQFP packages
Pb-free packages available
Functional Description
The CY7C132, CY7C136, CY7C136A, CY7C142, and CY7C146
are high speed CMOS 2K x 8 dual-port static RAMs. Two ports
are provided to permit independent access to any location in
memory. The CY7C132, CY7C136, and CY7C136A can be used
as either a standalone 8-bit dual-port static RAM or as a
MASTER
dual-port
RAM,
in
conjunction
with
the
CY7C142/CY7C146 SLAVE dual-port device. They are used in
systems that require 16-bit or greater word widths. This is the
solution to applications that require shared or buffered data, such
as cache memory for DSP, bit-slice, or multiprocessor designs.
Each port has independent control pins; chip enable (CE), write
enable (R/W), and output enable (OE). BUSY flags are provided
on each port. In addition, an interrupt flag (INT) is provided on
each port of the 52-pin PLCC version. BUSY signals that the port
is trying to access the same location currently being accessed
by the other port. On the PLCC version, INT is an interrupt flag
indicating that data is placed in an unique location (7FF for the
left port and 7FE for the right port).
An automatic power down feature is controlled independently on
each port by the chip enable (CE) pins.
R/WL
BUSYL
CEL
OEL
A 10L
A 0L
A 0R
A 10R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C132/7C136 ONLY)
AND
INTERRUPTLOGIC
(7C136/7C146 ONLY)
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
[2]
[3]
[3]
[2]
Logic Block Diagram
Notes
1. CY7C136 and CY7C136A are functionally identical.
2. CY7C132/CY7C136/CY7C136A (Master): BUSY is open drain output and requires pull up resistor. CY7C142/CY7C146 (Slave): BUSY is input.
3. Open drain outputs; pull up resistor required.
[+] Feedback


Similar Part No. - CY7C132_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C132_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com