Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL314-1R1Y2G120113 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL314-1R1Y2G120113
Description  3mm LED Quad Level Right Angle Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL314-1R1Y2G120113 Datasheet(HTML) 1 Page - P-tec Corporation

  PL314-1R1Y2G120113 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL314 Series 3mm LED Quad Level Right Angle Holder
Features
*Space Saving Quad Level PCB Indicator
*Housing Material Black Nylon UL94V-2
*High Light Output
*1 Hi-Eff Red, 1 Yellow & 2 Green LED
with Color Diffused Lens used
*LEDs arranged from Top to Bottom
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)……...…...……..………………….………….…….…… 5.0V
Max Forward Current…………..………….……….……..…………………....… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ……………………….… 100mA
Operating Temperature Range……………..……………………..….…. -25°C to +85°C
Storage Temperature Range……………..……………….....…….….... -40°C to +100°C
Soldering Temperature (1.6 mm below body)………………….………… 260°C for 5 seconds
Poser Dissipation……………………………………………….……………..….. 78mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
PL314-1R1Y2G120113
Orange-Red
Yellow
Green
GaAsP
GaAsP
GaP
635
585
567
55°
2.1
2.1
2.1
2.6
2.6
2.6
10.0
9.0
9.0
20.0
20.0
17.0
Lumious
Intensity
@20mA (mcd)
Color Diffused Lens
nm
Deg
Typ
Typ
Max
Max
Dominant
Wave
Length
nm
626
590
572
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
02-14-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
P-TEC
20.3
10.7
2.9
3.5±0.5
2.8typ.
1.9typ.
3.5typ.
5.08
5.08
5.08
2.54
4.45
0.5
0.5 Square
Cathode


Similar Part No. - PL314-1R1Y2G120113

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL314-4A02 P-TEC-PL314-4A02 Datasheet
77Kb / 1P
   PL314 Series 3mm LED Right Angle Quad Level Holder
PL314-4G13 P-TEC-PL314-4G13 Datasheet
31Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4G13 P-TEC-PL314-4G13_14 Datasheet
36Kb / 1P
   Space Saving Quad Level PCB Indicator
PL314-4R12 P-TEC-PL314-4R12 Datasheet
31Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4R12 P-TEC-PL314-4R12 Datasheet
28Kb / 1P
   PL314 Series 3mm LED Right Angle Quad Level Holder
More results

Similar Description - PL314-1R1Y2G120113

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL314A-4R12 P-TEC-PL314A-4R12 Datasheet
28Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314A-4Y01 P-TEC-PL314A-4Y01 Datasheet
28Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4G13 P-TEC-PL314-4G13 Datasheet
31Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4R12 P-TEC-PL314-4R12 Datasheet
31Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314A-4G13 P-TEC-PL314A-4G13 Datasheet
28Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314A-4RG1213 P-TEC-PL314A-4RG1213 Datasheet
28Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4Y01 P-TEC-PL314-4Y01 Datasheet
31Kb / 1P
   3mm LED Right Angle Quad Level Holder
PL314-4R12 P-TEC-PL314-4R12_08 Datasheet
28Kb / 1P
   PL314 Series 3mm LED Right Angle Quad Level Holder
PL314-4A02 P-TEC-PL314-4A02 Datasheet
77Kb / 1P
   PL314 Series 3mm LED Right Angle Quad Level Holder
PL311-1R1Y1G120113 P-TEC-PL311-1R1Y1G120113_14 Datasheet
32Kb / 1P
   3mm LED Tri-Level Right Angle Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com