Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXM3531XR Datasheet(PDF) 7 Page - Sony Corporation

Part # CXM3531XR
Description  SP4T Antenna Switch for CDMA/UMTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3531XR Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXM3531XR Datasheet HTML 2Page - Sony Corporation CXM3531XR Datasheet HTML 3Page - Sony Corporation CXM3531XR Datasheet HTML 4Page - Sony Corporation CXM3531XR Datasheet HTML 5Page - Sony Corporation CXM3531XR Datasheet HTML 6Page - Sony Corporation CXM3531XR Datasheet HTML 7Page - Sony Corporation CXM3531XR Datasheet HTML 8Page - Sony Corporation CXM3531XR Datasheet HTML 9Page - Sony Corporation CXM3531XR Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CXM3531XR
- 7 -
Electrical Characteristics 3
(Ta = +25°C, VDD = 2.8V, Vctl = 0/1.8V)
Electrical Characteristics are measured with all RF ports terminated in 50
Ω.
Measured with the recommended circuit
Electrical Characteristics 4
(Ta = +25°C, VDD = 2.8V, Vctl = 0/1.8V)
Electrical Characteristics are measured with all RF ports terminated in 50
Ω.
Measured with the recommended circuit
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Triple
beat
ratio
TBR
PTx at RF*
Jammer
at Ant
–30dBm
[MHz]
Triple
beat
product
at RF*
[MHz]
Pin
[dBm]
PTx1
[MHz]
PTx2
[MHz]
ANT-
RF1, RF2,
RF3, RF4
21.5
835.5
836.5
881.5
881.5
± 181
dBc
21.5
1880
1881
1960
1960
± 181
13.5
1732
1733
2132
2132
± 181
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Input
IP2
IIP2
PTx at RF*
24dBm
[MHz]
Jammer at ANT
–20dBm
[MHz]
IM2product
at RF*
[MHz]
dBm
Ant-
RF1, RF2,
RF3, RF4
836.61
1718.61
881.61
113.5
836.61
45
881.61
95.5
1885
3850
1965
95.5
1885
80
1965
95.5
1732.5
3865
2132.5
95.5
1732.5
400
2132.5
95.5


Similar Part No. - CXM3531XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
More results

Similar Description - CXM3531XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
   High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXG1234XR SONY-CXG1234XR Datasheet
175Kb / 7P
   SP4T Antenna Switch
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com