Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXM3540XR Datasheet(PDF) 5 Page - Sony Corporation

Part # CXM3540XR
Description  High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3540XR Datasheet(HTML) 5 Page - Sony Corporation

  CXM3540XR Datasheet HTML 1Page - Sony Corporation CXM3540XR Datasheet HTML 2Page - Sony Corporation CXM3540XR Datasheet HTML 3Page - Sony Corporation CXM3540XR Datasheet HTML 4Page - Sony Corporation CXM3540XR Datasheet HTML 5Page - Sony Corporation CXM3540XR Datasheet HTML 6Page - Sony Corporation CXM3540XR Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CXM3540XR
- 5 -
Electrical Characteristics
(Ta = +25°C, VDD = 2.8V, Vctl = 0/1.8V)
Electrical characteristics are measured with all RF ports terminated in 50
Ω.
*1
Pin = 34dBm, f = 824 to 960MHz
*2
Pin = 32dBm, f = 1710 to 1990MHz
*3
Pin = 10dBm, f = 2110 to 2170MHz
*4
Ptx = 21.5dBm, Pjam = –15dBm, ftx = 835MHz, fjam = 790MHz, fim = 880MHz
*5
Ptx = 21.5dBm, Pjam = –15dBm, ftx = 1950MHz, fjam = 1760MHz, fim = 2140MHz
*6
Pin = 27 + 27dBm, 835 + 836MHz, IIP3 = (3
× Pout – IM3)/2 + Loss
*7
Pin = 27 + 27dBm, 1950 + 1951MHz, IIP3 = (3
× Pout – IM3)/2 + Loss
*8
Measured with recommended circuit
*9
Pin = 25dBm, f = 890 to 930MHz
*10 Pin = 25dBm, f = 1920 to 1980MHz
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Insertion loss
IL
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
*1
0.30
0.45
dB
1575.42MHz
0.30
0.45
*2
0.35
0.50
*3
0.40
0.55
Isolation
ISO.
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
*1
25
38
dB
1575.42MHz
24
36
*2
22
35
*3
21
30
VSWR
VSWR
824 to 2170MHz
1.1
Harmonics
2fo
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
*1
–60
–36
dBm
3fo
–45
–36
2fo
*2
–60
–36
3fo
–45
–36
2fo
*9
–95
–75
dBc
3fo
–90
–75
2fo
*10
–95
–75
3fo
–90
–75
P0.2dB
compression
input power
P0.2dB
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
824 to 930MHz
35.5
dBm
1710 to 1980MHz
33.5
IMD3
IMD3
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
*4, *8
–110
dBm
*5, *8
–110
Input IP3
IIP3
RF5 - RF1, 2, 3, 4
RF6 - RF1, 2, 3, 4
*6, *8
65
70
dBm
*7, *8
65
70
Control current
Ictl
Vctl = 1.8V
0.005
10
μA
Supply current
Idd
VDD = 2.8V
0.15
0.3
mA
Switching speed Swt
VDD = 2.8V,
Vctl = 0V/1.8V
25
μs


Similar Part No. - CXM3540XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3542ER SONY-CXM3542ER Datasheet
210Kb / 14P
   3P9T Antenna Switch for GSM/CDMA Dual Mode Phones
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
More results

Similar Description - CXM3540XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3531XR SONY-CXM3531XR Datasheet
222Kb / 10P
   SP4T Antenna Switch for CDMA/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com