Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXM3519ER Datasheet(PDF) 7 Page - Sony Corporation

Part # CXM3519ER
Description  SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3519ER Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXM3519ER Datasheet HTML 3Page - Sony Corporation CXM3519ER Datasheet HTML 4Page - Sony Corporation CXM3519ER Datasheet HTML 5Page - Sony Corporation CXM3519ER Datasheet HTML 6Page - Sony Corporation CXM3519ER Datasheet HTML 7Page - Sony Corporation CXM3519ER Datasheet HTML 8Page - Sony Corporation CXM3519ER Datasheet HTML 9Page - Sony Corporation CXM3519ER Datasheet HTML 10Page - Sony Corporation CXM3519ER Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CXM3519ER
- 7 -
Electrical Characteristics (Recommended Circuit 1 (SP9T))
(VDD = 2.65V, Vctl = 1.80V, Ta = 25°C)
Electrical characteristics are measured with all RF ports terminated in 50
Ω and recommended circuit 1 (SP9T).
*1
Frequency = 824 to 915MHz,
Pin on Tx1: +34dBm C.W.
*2
Frequency = 1710 to 1910MHz,
Pin on Tx2: +32dBm C.W.
*3
Frequency = 1920 to 1980MHz,
Pin on TRx1: +26dBm C.W.
*4
Frequency = 2110 to 2170MHz,
Pin on TRx1: +26dBm C.W.
*5
Frequency = 824 to 894MHz,
Pin on TRx2 or 3: +26dBm C.W.
*6
Frequency = 1710 to 1990MHz,
Pin on TRx2 or 3: +26dBm C.W.
*7
Frequency = 869 to 960MHz,
Pin on Ant: +10dBm C.W.
*8
Frequency = 1805 to 1990MHz,
Pin on Ant: +10dBm C.W.
Item
Symbol
Path
Conditions
Min.
Typ.
Max.
Unit
Insertion loss
I.L
Ant-Tx1
*1
0.85
1.00
dB
Ant-Tx2
*2
0.85
1.05
Ant-TRx1 (Tx)
*3
0.47
0.62
Ant-TRx1 (Rx)
*4
0.48
0.63
Ant-TRx2 (Tx)
*5
0.51
0.61
Ant-TRx2 (Rx)
*6
0.57
0.72
Ant-TRx3 (Tx)
*5
0.48
0.58
Ant-TRx3 (Rx)
*6
0.56
0.71
Ant-Rx1
*7
0.66
0.76
*8
1.02
1.17
Ant-Rx2
*7
0.65
0.75
*8
1.01
1.16
Ant-Rx3
*7
0.65
0.75
*8
0.98
1.13
Ant-Rx4
*7
0.65
0.75
*8
0.94
1.09
Item
Symbol
Path
Conditions
Min.
Typ.
Max.
Unit
Isolation
ISO.
Active path: Tx1-Ant (State1)
dB
Tx1-Rx1
824 to 915MHz
35
42
Tx1-Rx2
35
42
Tx1-Rx3
35
42
Tx1-Rx4
35
42
Tx1-TRx1
35
39
Tx1-TRx2
45
54
Tx1-TRx3
45
57
Tx1-Tx2
20
23
1648 to 1830MHz
20
22
Tx2-Ant
25
28
Active path: Tx2-Ant (State2)
Tx2-Rx1
1710 to 1910MHz
32
37
Tx2-Rx2
32
37
Tx2-Rx3
32
37
Tx2-Rx4
32
38
Tx2-TRx1
30
33
Tx2-TRx2
40
49
Tx2-TRx3
40
44
Tx2-Tx1
20
26


Similar Part No. - CXM3519ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3513ER SONY-CXM3513ER Datasheet
183Kb / 7P
   High Power DP3T Switch with Logic Control
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
More results

Similar Description - CXM3519ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
   High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com