Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3741AUR Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3741AUR
Description  High-speed Buffer Amplifier for CCD Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3741AUR Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3741AUR Datasheet HTML 3Page - Sony Corporation CXA3741AUR Datasheet HTML 4Page - Sony Corporation CXA3741AUR Datasheet HTML 5Page - Sony Corporation CXA3741AUR Datasheet HTML 6Page - Sony Corporation CXA3741AUR Datasheet HTML 7Page - Sony Corporation CXA3741AUR Datasheet HTML 8Page - Sony Corporation CXA3741AUR Datasheet HTML 9Page - Sony Corporation CXA3741AUR Datasheet HTML 10Page - Sony Corporation CXA3741AUR Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CXA3741AUR
- 7 -
Evaluation Circuit
15
Ω
20pF
GND
15.0V
1000pF
220k
Ω
470k
Ω
470k
Ω
220k
Ω
47µF
VCC
ISF0
ISF1
NC
NC
OUT
GND
DRVCNT
4
6
7
8
16
15
14
13
3
2
1
9
10
11
12
Current
Mirror
Current
Mirror
5


Similar Part No. - CXA3741AUR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
   Audio Driver for TV
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Similar Description - CXA3741AUR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com