Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-RFRF10LF-C200OHMF000 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-RFRF10LF-C200OHMF000
Description  Flanged RF Power Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFRF10LF-C200OHMF000 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-RFRF10LF-C200OHMF000 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFRF10LF-C200OHMF000 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFRF10LF-C200OHMF000 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFRF Series Issue January 2009 Sheet 2 of 3
Flanged RF
Power Terminators
30
10
0
20
40
50
60
70
75
25
0
50
100
125
150
175
100
50
150
50
0
0
150
100
200
250
200
300
350
Applied Power (W)
Applied Power (W)
Applied Power (W)
Thermal Data
Frequency Data
RFRF50LFC, 100ΩF
RFRF150LFC, 100ΩF
RFRF250LFC, 100ΩF
Flange Temperature
Resistive Film Surface Temperature
Flange Temperature
Resistive Film Surface Temperature
Flange Temperature
Resistive Film Surface Temperature
S22, RFRF150LFC, 100ΩF
S21, RFRF150LFLC, 100ΩF
S11, RFRF150LFC, 100ΩF
100
50
0
150
200
50
25
0
75
100


Similar Part No. - HFR-RFRF10LF-C200OHMF000

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01030 IRCTT-HFR-RFA100LF-01030 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01220 IRCTT-HFR-RFA100LF-01220 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01230 IRCTT-HFR-RFA100LF-01230 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-02020 IRCTT-HFR-RFA100LF-02020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFRF10LF-C200OHMF000

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFT010110-C50OHMFZ00 IRCTT-HFR-RFT010110-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
logo
List of Unclassifed Man...
TFR010 ETC-TFR010 Datasheet
509Kb / 1P
   RF FLANGED POWER RESISTORS
logo
Bourns Electronic Solut...
CHF11050CBF BOURNS-CHF11050CBF Datasheet
189Kb / 1P
   400 W Power RF Flanged Resistor
logo
RHOPOINT COMPONENTS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
   HIGH POWER TERMINATORS
logo
Bourns Electronic Solut...
CHF8838CNF BOURNS-CHF8838CNF_08 Datasheet
185Kb / 1P
   150 W Power RF Flanged Chip Termination
CHF5225CAF BOURNS-CHF5225CAF Datasheet
191Kb / 1P
   20 W Power RF Flanged Chip Termination
CHF5225CBF BOURNS-CHF5225CBF Datasheet
180Kb / 1P
   60 W Power RF Flanged Chip Termination
CHF12545CBF500L BOURNS-CHF12545CBF500L Datasheet
165Kb / 1P
   500 W Power RF Flanged Chip Termination
CHF5225CBF BOURNS-CHF5225CBF_07 Datasheet
183Kb / 1P
   60 W Power RF Flanged Chip Termination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com