Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-W1206RJ-03-1001-Q Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # PFC-W1206RJ-03-1001-Q
Description  Gold Terminations Precision Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W1206RJ-03-1001-Q Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  PFC-W1206RJ-03-1001-Q Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W1206RJ-03-1001-Q Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W1206RJ-03-1001-Q Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W1206RJ-03-1001-Q Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PFC-Gold Series Issue January 2009 Sheet 3 of 4
Manufacturing Capabilities Data (MIL Screened Only)
±5%, ±2%, ±1%, ±0.5%, ±0.1%
±5%, ±2%, ±1%, ±0.5%
,
±0.1%, ±0.05%, ±0.02%
±25 ppm/°C
±50 or ±100 ppm/°C
W1206
W0805
W0603
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%
±15 ppm/°C
/°C
W0402
±5%, ±2%, ±1%, ±0.5%, ±0.1%
±25, ±50 and ±100ppm/°C
50
30K
5
5
5
10
10
10
50
50
50
100
100
100
50K
100K
125K
59K
125K
N/A
±5%, ±2%, ±1%, ±0.5%
W2512
W2010
W1505
5
5
5
10
10
10
50
50
50
125K
400K
400K
±5%, ±2%, ±1%, ±0.5%, ±0.1%
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%, ±0.02%
±50 or ±100 ppm/°C
±25 ppm/°C
±10 ppm
Resistance Range
Absolute
Tolerance
Absolute
TCR
Resistance Range
Absolute
Tolerance
Absolute
TCR
Resistance Range
Absolute
Tolerance
Absolute
TCR
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Manufacturing Capabilities Data (Commercial Product Only)
Gold Terminations Precision
Thin Film Chip Resistors


Similar Part No. - PFC-W1206RJ-03-1001-Q

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W1206R-01-1001 IRCTT-PFC-W1206R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W1206R-01-1001-B ETC-PFC-W1206R-01-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W1206R-01-1001-J ETC-PFC-W1206R-01-1001-J Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W1206R-02-1001 IRCTT-PFC-W1206R-02-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W1206R-03-1001 IRCTT-PFC-W1206R-03-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W1206RJ-03-1001-Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCATAU VISHAY-MCATAU Datasheet
116Kb / 8P
   Precision Gold Terminated Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com