Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-W0402RJ-03-1001-A Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # PFC-W0402RJ-03-1001-A
Description  Gold Terminations Precision Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0402RJ-03-1001-A Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  PFC-W0402RJ-03-1001-A Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0402RJ-03-1001-A Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0402RJ-03-1001-A Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0402RJ-03-1001-A Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IRC’s PFC chip resistors are available with Mil screening. These chips are manufactured on the same production line as our Mil-
qualified chip resistors and screened in accordance with MIL-PRF-55342. These chips are identified with IRC’s ordering informa-
tion and not with Mil marking.
Mil Screened Precision Chip Resistors
Prefix
PFC - W1206 RJ - 01 - 1001 - B
Model
W0402; W0603; W0805; W1206;
W1505; W2010; W2512
Termination
RJ = Gold plated
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C;
11 = ±15ppm/°C; 12 = ±10ppm/°C
Resistance Code
4-Digit resistance code.
Ex: 10R0 = 10
Ω; 1000 = 100Ω;
1001 = 1000
Ω; 1002 = 10KΩ
Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%;
B = ±0.1%; A = ±0.05%; Q = ±0.02%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Commercial Ordering Data
Prefix
PFC - W1206 RJ - 04 - 1001 - B
Model
W0402; W0603; W0805; W1206;
W1505; W2010; W2512
Termination
RJ = Gold plated
Mil-Screened TCR Code
04 = ±300ppm/°C; 05 = ±100ppm/°C; 06 = ±50ppm/°C;
07 = ±25ppm/°C; 14 = ±20ppm/°C; 15 = ±15ppm/°C;
16 = ±10ppm/°C
Resistance Code
4-Digit resistance code.
Ex: 10R0 = 10
Ω; 1000 = 100Ω;
1001 = 1000
Ω; 1002 = 10KΩ
Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%;
B = ±0.1%; A = ±0.05%; Q = ±0.02%
Mil Screened Ordering Data*
*Please refer to our PFC Military datasheet to order parts qualified to MIL-PRF-55342.
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
W0402
0.040
˝ ±0.002
0.021
˝ ±0.002
0.012
˝ ±0.003
0.008
˝ ±0.002
0.010
˝ ±0.002
W0603
0.063
˝ ±0.004
0.031˝ ±0.004
0.020˝ ±0.004
0.012˝ ±0.005
0.015˝ ±0.005
W0805
0.081˝ ±0.005
0.050˝ ±0.005
0.020˝ ±0.006
0.015˝ ±0.008
0.016˝ ±0.008
W1206
0.126˝ ±0.006
0.063˝ ±0.005
0.024˝ ±0.004
0.025˝ ±0.010
0.025˝ ±0.010
W1505
0.155˝ ±0.007
0.050˝ ±0.005
0.024˝ ±0.004
0.020˝ ±0.010
0.020˝ ±0.010
W2010
0.203˝ ±0.007
0.103˝ ±0.005
0.024˝ ±0.004
0.020˝ ±0.008
0.020˝ ±0.008
W2512
0.255˝ ±0.007
0.124˝ ±0.005
0.024˝ ±0.004
0.020˝ ±0.008
0.020˝ ±0.008
Physical Data
PFC-Gold Series Issue January 2009 Sheet 4 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Gold Terminations Precision
Thin Film Chip Resistors


Similar Part No. - PFC-W0402RJ-03-1001-A

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W0402R-01-1001-B ETC-PFC-W0402R-01-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402R-01-1001-J ETC-PFC-W0402R-01-1001-J Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-02-1001 IRCTT-PFC-W0402R-02-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402R-03-1001 IRCTT-PFC-W0402R-03-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W0402RJ-03-1001-A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCATAU VISHAY-MCATAU Datasheet
116Kb / 8P
   Precision Gold Terminated Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com