Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-W0402HF-03-50R0-F Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # PFC-W0402HF-03-50R0-F
Description  High Frequency Chip Resistor Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0402HF-03-50R0-F Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  PFC-W0402HF-03-50R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0402HF-03-50R0-F Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0402HF-03-50R0-F Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0402HF-03-50R0-F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IRC Advanced Film Division
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 4 of 4
Dimensions (mm)
L
W
H
a
b
W0402HF
0.040″ ± 0.002
0.021″ ± 0.002
0.012″ ± 0.003
0.008″ ± 0.002
0.010″ ± 0.002
W0603HF
0.063″ ± 0.004
0.031″ ± 0.004
0.020″ ± 0.004
0.012″ ± 0.005
0.015″ ± 0.005
W0805HF
0.081″ ± 0.005
0.050″ ± 0.005
0.020″ ± 0.006
0.016″ ± 0.008
0.016″ ± 0.008
W1206HF
0.126″ ± 0.006
0.063″ ± 0.005
0.024″ ± 0.004
0.025″ ± 0.010
0.025″ ± 0.010
Physical Data
Top
Side
Bottom
L
W
a
b
H
Prefix
PFC - W0603 HF
- 01 - 50R0 - F
Model
W0402; W0603; W0805; W1206
Termination
HF = 60/40 Sn/Pb plated solder
HFLF = 100% tin plated (Pb-free)
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance Code
50R0 = 50Ω; 75R0 = 75Ω
Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%
Ordering Data
For additional information or to discuss your specific requirements, please contact
our Applications Team using the contact details below.
High Frequency Chip
Resistor Terminators
Power Derating Curve
25
70
150
100
50
10
Ambient Temperature (°C)


Similar Part No. - PFC-W0402HF-03-50R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402LF-01-1001 IRCTT-PFC-W0402LF-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W0402LF-01-1001-B ETC-PFC-W0402LF-01-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402LF-01-1001-J ETC-PFC-W0402LF-01-1001-J Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402LF-02-1001 IRCTT-PFC-W0402LF-02-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402LF-03-1001 IRCTT-PFC-W0402LF-03-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W0402HF-03-50R0-F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R2B130850R0J4J0 ANAREN-R2B130850R0J4J0 Datasheet
190Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com