Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512HP-17Q48 Datasheet(PDF) 3 Page - Intersil Corporation

Part # KAD5512HP-17Q48
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-17Q48 Datasheet(HTML) 3 Page - Intersil Corporation

  KAD5512HP-17Q48 Datasheet HTML 1Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 2Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 3Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 4Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 5Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 6Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
FN6808.2
March 4, 2009
Table of Contents
Absolute Maximum Ratings ......................................... 4
Thermal Information...................................................... 4
Electrical Specifications ............................................... 4
Digital Specifications .................................................... 6
Timing Diagrams ........................................................... 7
Switching Specifications .............................................. 7
Pinout/Package Information......................................... 9
Pin Descriptions - 72QFN........................................... 9
Pinout ......................................................................... 10
Pin Descriptions - 48QFN........................................... 11
Pinout ......................................................................... 12
Typical Performance Curves ........................................ 13
Theory of Operation ...................................................... 16
Functional Description ................................................ 16
Power-On Calibration ................................................. 16
User-Initiated Reset.................................................... 17
Analog Input ............................................................... 17
Clock Input ................................................................. 18
Jitter............................................................................ 19
Voltage Reference...................................................... 19
Digital Outputs ............................................................ 19
Over-Range Indicator ................................................. 19
Power Dissipation....................................................... 19
Nap/Sleep................................................................... 19
Data Format ............................................................... 20
Serial Peripheral Interface ........................................... 20
SPI Physical Interface................................................ 22
SPI Configuration....................................................... 22
Device Information ..................................................... 22
Indexed Device Configuration/Control ....................... 23
Global Device Configuration/Control.......................... 24
Device Test ................................................................ 25
SPI Memory Map ....................................................... 26
Equivalent Circuits ....................................................... 27
Layout Considerations ................................................. 28
Split Ground and Power Planes ................................. 28
Clock Input Considerations ........................................ 28
Exposed Paddle......................................................... 28
Bypass and Filtering .................................................. 28
LVDS Outputs ............................................................ 28
LVCMOS Outputs ...................................................... 28
Unused Inputs............................................................ 28
Definitions ..................................................................... 29
Revision History ........................................................... 30
Package Outline Drawings........................................... 31
L48.7x7E.................................................................... 31
L72.10x10D................................................................ 32
KAD5512HP


Similar Part No. - KAD5512HP-17Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-17Q48 ETC2-KAD5512HP-17Q48 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-17Q48 RENESAS-KAD5512HP-17Q48 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com