Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512HP-25Q48 Datasheet(PDF) 11 Page - Intersil Corporation

Part # KAD5512HP-25Q48
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-25Q48 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button KAD5512HP-25Q48 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 9Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 10Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 11Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 12Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 13Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 14Page - Intersil Corporation KAD5512HP-25Q48 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
FN6808.2
March 4, 2009
Pin Descriptions - 48QFN
PIN NUMBER
LVDS [LVCMOS] NAME
LVDS [LVCMOS] FUNCTION
1, 9, 13, 17, 47
AVDD
1.8V Analog Supply
2-4, 11, 21, 22
DNC
Do Not Connect
5, 8, 12, 48
AVSS
Analog Ground
6, 7
VINN, VINP
Analog Input Negative, Positive
10
VCM
Common Mode Output
14, 15
CLKP, CLKN
Clock Input True, Complement
16
NAPSLP
Power Control (Nap, Sleep modes)
18
RESETN
Power On Reset (Active Low, see page 17)
19, 29, 42
OVSS
Output Ground
20, 37
OVDD
1.8V Output Supply
23, 24
D0N, D0P [NC, D0]
LVDS Bit 0 (LSB) Output Complement, True [NC, LVCMOS Bit 0]
25, 26
D1N, D1P [NC, D1]
LVDS Bit 1 Output Complement, True [NC, LVCMOS Bit 1]
27, 28
D2N, D2P [NC, D2]
LVDS Bit 2 Output Complement, True [NC, LVCMOS Bit 2]
30
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10k
Ω, 1% resistor)
31, 32
CLKOUTN, CLKOUTP [NC, CLKOUT]
LVDS Clock Output Complement, True [NC, LVCMOS CLKOUT]
33, 34
D3N, D3P [NC, D3]
LVDS Bit 3 Output Complement, True [NC, LVCMOS Bit 3]
35, 36
D4N, D4P [NC, D4]
LVDS Bit 4 Output Complement, True [NC, LVCMOS Bit 4]
38, 39
D5N, D5P [NC, D5]
LVDS Bit 5 Output Complement, True [NC, LVCMOS Bit 5]
40, 41
ORN, ORP [NC, OR]
LVDS Over Range Complement, True [NC, LVCMOS Over Range]
43
SDO
SPI Serial Data Output (4.7k
Ω pull-up to OVDD is required)
44
CSB
SPI Chip Select (active low)
45
SCLK
SPI Clock
46
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
NOTE: LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection)
KAD5512HP


Similar Part No. - KAD5512HP-25Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-25Q48 ETC2-KAD5512HP-25Q48 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-25Q48 INTERSIL-KAD5512HP-25Q48 Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q48 INTERSIL-KAD5512HP-25Q48 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q48 INTERSIL-KAD5512HP-25Q48 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-25Q48 RENESAS-KAD5512HP-25Q48 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-25Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com