Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL99201IICZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL99201IICZ-T
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IICZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL99201IICZ-T Datasheet HTML 5Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 6Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 7Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 8Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 9Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 10Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 11Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 12Page - Intersil Corporation ISL99201IICZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6742.0
February 27, 2009
FIGURE 13. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201B
FIGURE 14. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201C
FIGURE 15. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201A
FIGURE 16. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201B
FIGURE 17. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201C
FIGURE 18. TOTAL HARMONIC DISTORTION + NOISE vs
COMMON MODE INPUT VOLTAGE
Typical Performance Characteristics (Continued)
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
INPUTS AC-GROUNDED
RL = 8Ω
CL = 2µF
ISL99201B
VDD = 2.5V
VDD = 3.6V
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
INPUTS AC-GROUNDED
RL = 8Ω
CL = 2µF
ISL99201C
VDD = 2.5V
VDD = 3.6V
-80
-70
-60
-50
40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201A
VDD = 5V
VDD = 2.5V
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201B
VDD = 5V
VDD = 2.5V
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201C
VDD = 5V
VDD = 2.5V
0.01
0.1
1
10
0
0.5
1.5
2.5
3.0
3.5
4.5
5.0
5V
3.6V
2.5V
1.0
2.0
4.0
COMMON MODE INPUT VOLTAGE (V)
f = 1kHz
PO = 200mW
ISL99201


Similar Part No. - ISL99201IICZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAEVZ INTERSIL-ISL99201IRTAEVZ Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAEVZ RENESAS-ISL99201IRTAEVZ Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAZ-T RENESAS-ISL99201IRTAZ-T Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-TK INTERSIL-ISL99201IRTAZ-TK Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
More results

Similar Description - ISL99201IICZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
   Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
REV. A
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com