Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL99201IIAZ-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL99201IIAZ-TK
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IIAZ-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL99201IIAZ-TK Datasheet HTML 2Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 3Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 4Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 5Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 6Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 7Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 8Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 9Page - Intersil Corporation ISL99201IIAZ-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6742.0
February 27, 2009
Pin Descriptions
SD
Shutdown Active Low. This signal is used to shut down and
activate the part. It is 1.8V to 5V compatible. During
shutdown, the part draws less than 100nA input current.
Coming out of shutdown takes 3.5ms and going into
shutdown is instantaneous.
SYNC
External clock input (available only in DFN). This pin allows
the chip to be synchronized to a system clock. This helps in
folding the spectral components and the switching harmonic
out of band of interest. The range of SYNC frequency is from
250kHz to 800kHz.
IN+
Positive Differential Input.
IN-
Negative Differential Input.
VO+
Positive BTL output.
GND
Ground (Analog ground in CSP)
VDD
Power Supply (Analog VDD in CSP)
VO-
Negative BTL output
PVDD
Power Supply (CSP only)
PGND
Power Ground (CSP only)
Block Diagram (Notes *)
S A W TOOTH
GENERA TO R
SH UTDOW N
LOGIC
OVE R
CU RRENT
PRO TECTIO N
BIA S AN D
R E FERENC E
C LIC K AN D P O P
S U PP R E SS IO N
VDD
VO -
VO +
SD
SY N C
1
IN +
IN-
GN D
GATE D R IV E
WITH
SRC
G A TE D R IVE
WITH
SR C
CO M P
COM P
VDD
VD D
+180°
+
-
-
+
-
+
+
-
+
-
Notes:
Gain = 6dB, 9.6dB, 12dB (gain setting)
Gain =
; with external resistor
140k
Ω
(Ri + 5k
Ω)
*TDFN only
ISL99201


Similar Part No. - ISL99201IIAZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAEVZ INTERSIL-ISL99201IRTAEVZ Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAEVZ RENESAS-ISL99201IRTAEVZ Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAZ-T RENESAS-ISL99201IRTAZ-T Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-TK INTERSIL-ISL99201IRTAZ-TK Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
More results

Similar Description - ISL99201IIAZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
   Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
REV. A
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com