Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54217IRUZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54217IRUZ-T
Description  USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRUZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54217IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54217IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN6817.3
May 4, 2009
to combine the stereo audio and USB data channels into a
single shared connector, thereby saving space and
component cost. The Typical application block diagram of
this functionality is previously shown.
The ISL54217 contains two logic control pins (C1 and C0)
that determine the state of the device. The part has the
following five states or modes of operation: All SWITCHES
OFF; USB1; USB2; Audio; and Audio Mute. These states
are discussed in detail in “Logic Control” on page 10.
A detailed description of the various types of switches are
provided in “Audio Switches” beginning on page 10.
Audio Switches
The two audio switches (L, R) are 2.3
Ω switches that can
pass signals that swing below ground.
Over a signal range of ±1V (0.707Vrms) with VDD > 2.7V,
these switches have an extremely low rON resistance
variation. They can pass ground referenced audio signals with
very low distortion (<0.05% THD+N) when delivering 15.6mW
into a 32
Ω headphone speaker load. See Figures 20, 21, 22,
23 and 24 THD+N performance curves.
Crosstalk between the L and R audio switches over the
frequency range of 20Hz to 20kHz when driving a 32
Ω load
is < -88dB. These switches have excellent off-isolation >
105dB over the audio band when connected to 32
Ω loads
and 77dB when connected to 20k
Ω loads (In Audio Mute
mode). See Figures 25 and 26 in “Typical Performance
Curves” section beginning on page 12.
The audio drivers should be connected at the L and R side of
the switch (pins 2 and 3) and the speaker loads should be
connected at the COM side of the switch (pins 7 and 8).
The switches have click and pop circuitry on the L and R
side that is activated when the part comes out of Audio mode
by taking the C1 and C0 logic pins low (All OFF mode). The
ISL54217 should be put in this mode before powering down
or powering up of the audio CODEC drivers. In this mode the
audio, USB1, USB2 switches will be OPEN (OFF) and the
audio click and pop circuitry will be ON. The high off-isolation
of the audio switches along with the click and pop circuitry
will isolate the transients generated during power-up and
power down of the audio CODECs from getting through to
the headphones thus eliminating click and pop noise in the
headphones. See the “AC Coupled click and pop operation”
on page 12.
The audio switches are active (turned ON) whenever the C1
and C0 logic pins are logic “1” (High).
USB Switches
The four USB switches (1D+, 1D-, 2D+, 2D-) are 6.2
Ω
bidirectional switches that were specifically designed to pass
high-speed USB differential data signals in the range of 0V
to 400mV. The switches have low capacitance and high
bandwidth to pass USB high-speed signals (480Mbps) with
minimum edge and phase distortion to meet USB 2.0 signal
quality specifications. See Figures 27 and 28 for High-speed
Eye Pattern taken with switch in the signal path.
These switches can also swing rail to rail and pass USB
full-speed signals (12Mbps) with minimal distortion. See Figure
29 for Full-speed Eye Pattern taken with switch in the signal
path.
The maximum normal operating signal range for the USB
switches is from -1V to VDD. The signal voltage at D- and D+
should not be allow to exceed the VDD voltage rail or go
below ground by more than -1V for normal operation.
However in the event that the USB 5.25V VBUS voltage were
shorted to one or both of the COM pins, the ISL54217 has
fault protection circuitry to prevent damage to the ISL54217
part. The fault circuitry allows the signal pins (COM-, COM+,
1D-, 1D+, 2D-, 2D+, L and R) to be driven up to 5.25V while
the VDD supply voltage is in the range of 0V to 4.6V. This
fault condition causes no stress to the IC. In addition, when
VDD is at 0V (ground) all switches are OFF and the fault
voltage is isolated from the other side of the switch. When
VDD is in the range of 2.7V to 4.6V the fault voltage will pass
through to the output of an active switch channel.
Note: During the fault condition normal operation is not
guaranteed until the fault condition is removed.
The USB (1D+ and 1D-) switches are active (turned ON)
whenever the C1 is logic “0” (Low) and C0 is logic “1” (High).
The USB (2D+ and 2D-) switches are active (turned ON)
whenever the C1 is logic “1” (High) and C0 is logic “0” (Low)
provided the last state was not the Audio or Audio Mute
state.
ISL54217 Operation
The discussion that follows will discuss using the ISL54217 in
the “Block Diagram” on page 9.
LOGIC CONTROL
The state of the ISL54217 device is determined by the
voltage at the C1 pin (pin 9) and the C0 pin (pin 10). The part
has five states or modes of operation. The All SWITCHES
OFF mode, USB1 mode, USB2 mode, Audio mode and
Audio Mute mode. Refer to “Truth Table” on page 3 and
“State Diagram” on page 2 of data sheet.
The C1 pin and C0 pin are internally pulled low through 4MΩ
resistors to ground and can be tri-stated or left floating.
The C1 pin and C0 pin can be driven with a voltage that is
higher than the VDD supply voltage. They can be driven up
to 5.25V with the VDD supply in the range of 2.7V to 4.6V.
Driving the logic higher than the supply rail will cause the
logic current to increase. With VDD = 2.7V and VLOGIC =
5.25V, ILOGIC current is approximately 5.5µA.
ISL54217


Similar Part No. - ISL54217IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54217IRUZ-T RENESAS-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

Similar Description - ISL54217IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com