Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85001IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL85001IRZ
Description  1A Standard Buck PWM Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85001IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL85001IRZ Datasheet HTML 4Page - Intersil Corporation ISL85001IRZ Datasheet HTML 5Page - Intersil Corporation ISL85001IRZ Datasheet HTML 6Page - Intersil Corporation ISL85001IRZ Datasheet HTML 7Page - Intersil Corporation ISL85001IRZ Datasheet HTML 8Page - Intersil Corporation ISL85001IRZ Datasheet HTML 9Page - Intersil Corporation ISL85001IRZ Datasheet HTML 10Page - Intersil Corporation ISL85001IRZ Datasheet HTML 11Page - Intersil Corporation ISL85001IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6769.1
March 17, 2009
FIGURE 8. VOUT REGULATION vs LOAD, 500kHz, 1.8VOUT
FIGURE 9. VOUT REGULATION vs LOAD, 500kHz, 2.5VOUT
FIGURE 10. VOUT REGULATION vs LOAD, 500kHz, 3.3VOUT
FIGURE 11. VOUT REGULATION vs LOAD, 500kHz, 5VOUT
FIGURE 12. STEADY STATE OPERATION AT NO LOAD
(5µs/DIV)
FIGURE 13. STEADY STATE OPERATION AT FULL LOAD
(1µs/DIV)
Typical Performance Curves
Unless otherwise noted, operating conditions are: TA = +25°C, VIN = 12V, EN = VDD, L = 22µH,
C9 = 10µF, C11 = 47µF, IOUT = 0A to 1A. See “VIN (Pins 11, 12)” on page 6. (Continued)
1.806
1.807
1.808
1.809
1.810
1.811
1.812
1.813
1.814
0.00.2
0.40.6
0.81.0
OUTPUT LOAD (A)
12VIN
25VIN
5VIN
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
2.506
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT LOAD (A)
12VIN
25VIN
5VIN
3.314
3.316
3.318
3.320
3.322
3.324
3.326
3.328
3.330
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT LOAD (A)
12VIN
25VIN
7VIN
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
0.1
0.3
0.5
0.7
0.9
OUTPUT LOAD (A)
12VIN
25VIN
7VIN
PHASE 5V/DIV
VOUT RIPPLE
20mV/DIV
IL 0.1A/DIV
PHASE 5V/DIV
VOUT RIPPLE
20mV/DIV
IL 0.5A/DIV
ISL85001


Similar Part No. - ISL85001IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001IRZ INTERSIL-ISL85001IRZ Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001IRZ RENESAS-ISL85001IRZ Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001IRZ-T INTERSIL-ISL85001IRZ-T Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
More results

Similar Description - ISL85001IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Renesas Technology Corp
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com