Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B992.5JI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7B992.5JI
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992.5JI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7B992.5JI Datasheet HTML 1Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 2Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 3Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 4Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 5Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 6Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 7Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 8Page - Cypress Semiconductor CY7B992.5JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *B
Page 4 of 19
Test Mode
The TEST input is a three level input. In normal system
operation, this pin is connected to ground, enabling the
CY7B991 or CY7B992 to operate as explained in “Skew Select
Matrix” on page 3. For testing purposes, any of the three level
inputs can have a removable jumper to ground, or be tied LOW
through a 100
Ω resistor. This enables an external tester to
change the state of these pins.
If the TEST input is forced to its MID or HIGH state, the device
operates with its internal phase locked loop disconnected, and
input levels supplied to REF directly controls all outputs. Relative
output to output functions are the same as in normal mode.
In contrast with normal operation (TEST tied LOW), all outputs
function based only on the connection of their own function
selects inputs (xF0 and xF1) and the waveform characteristics of
the REF input.
Figure 1 shows the typical outputs with FB connected to a zero skew output.[4]
Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output
FBInput
REFInput
– 6t U
– 4t U
– 3t U
– 2t U
– 1t U
0tU
+1t U
+2t U
+3t U
+4t U
+6t U
DIVIDED
INVERT
LM
LH
(N/A)
ML
(N/A)
MM
(N/A)
MH
(N/A)
HL
HM
LL/HH
HH
3Fx
4Fx
(N/A)
LL
LM
LH
ML
MM
MH
HL
HM
HH
(N/A)
(N/A)
(N/A)
1Fx
2Fx
Note
4. FB connected to an output selected for “zero” skew (i.e., xF1 = xF0 = MID).


Similar Part No. - CY7B992.5JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992 CYPRESS-CY7B992 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B992-2 CYPRESS-CY7B992-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992-2JC CYPRESS-CY7B992-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992.5JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com