Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12057IBZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL12057IBZ-T
Description  Low Cost and Low Power I2C RTC Real Time Clock/Calendar
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12057IBZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL12057IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6755.0
June 15, 2009
Block Diagram
Ordering Information
PART
NUMBER
PART
MARKING
VDD RANGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL12057IBZ (Note 1)
12057 IBZ
1.4 to 3.6
-40 to +85
8 Ld SOIC
M8.15
ISL12057IBZ-T* (Note 1)
12057 IBZ
1.4 to 3.6
-40 to +85
8 Ld SOIC (Tape and Reel)
M8.15
ISL12057IUZ (Note 1)
12057
1.4 to 3.6
-40 to +85
8 Ld MSOP
M8.118
ISL12057IUZ-T* (Note 1)
12057
1.4 to 3.6
-40 to +85
8 Ld MSOP (Tape and Reel)
M8.118
ISL12057IRUZ-T* (Note 2) 057
1.4 to 3.6
-40 to +85
8 Ld µTDFN (Tape and Reel)
L8.2x2
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
I2C
INTERFACE
RTC
CONTROL
LOGIC
ALARM2
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SCL
BUFFER
SDA
SCL
X1
X2
VDD
IRQ1/
FOUT
INTERNAL
SUPPLY
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEAR
CONTROL
REGISTERS
ALARM1
IRQ2
ISL12057


Similar Part No. - ISL12057IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12057IBZ RENESAS-ISL12057IBZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
More results

Similar Description - ISL12057IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com