Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8842AMBEPZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8842AMBEPZ
Description  High Performance Industry Standard Single-Ended Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8842AMBEPZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8842AMBEPZ Datasheet HTML 1Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 2Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 3Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 4Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 5Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 6Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 7Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 8Page - Intersil Corporation ISL8842AMBEPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6792.0
September 29, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . GND -0.3V to +30V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
Thermal Resistance (Note 4)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Supply Voltage Range (Note 3) . . . . . . . . . . . . . . . . . . . . . 9V to 30V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3. All voltages are with respect to GND.
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Technical Brief TB379 for details.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 3.
VDD = 15V, Rt = 10kΩ, Ct = 3.3nF, TA = -55 to +125°C, Typical values are at TA = +25°C. Parameters with MIN
and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold (ISL8840AMBEPZ,
ISL8841AMBEPZ)
6.5
7.0
7.5
V
START Threshold (ISL8843AMBEPZ,
ISL8845AMBEPZ)
8.0
8.4
9.0
V
START Threshold (ISL8842AMBEPZ,
ISL8844AMBEPZ)
(Note 7)
13.3
14.3
15.3
V
STOP Threshold (ISL8840AMBEPZ,
ISL8841AMBEPZ)
6.1
6.6
6.9
V
STOP Threshold (ISL8843AMBEPZ,
ISL8845AMBEPZ)
7.3
7.6
8.0
V
STOP Threshold (ISL8842AMBEPZ,
ISL8844AMBEPZ)
8.0
8.8
9.6
V
Hysteresis (ISL8840AMBEPZ, ISL8841AMBEPZ)
-
0.4
-
V
Hysteresis (ISL8843AMBEPZ, ISL8845AMBEPZ)
-
0.8
-
V
Hysteresis (ISL8842AMBEPZ, ISL8844AMBEPZ)
-
5.4
-
V
Start-up Current, IDD
VDD < START Threshold
-
90
125
µA
Operating Current, IDD
(Note 5)
-
2.9
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.75
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 30V), load,
temperature
4.900
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours (Note 6)
-
5
-
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5-
-
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 6)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 6)
0.80
1.15
1.30
V
Input Signal, Maximum
0.97
1.00
1.03
V
ISL8840AMBEPZ, ISL8841AMBEPZ, ISL8842AMBEPZ, ISL8843AMBEPZ, ISL8844AMBEPZ, ISL8845AMBEPZ


Similar Part No. - ISL8842AMBEPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8842AMBEPZ INTERSIL-ISL8842AMBEPZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
More results

Similar Description - ISL8842AMBEPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
logo
Renesas Technology Corp
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com