Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-RFA55DDLF-5GZ00 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-RFA55DDLF-5GZ00
Description  High Frequency Surface Mount Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFA55DDLF-5GZ00 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-RFA55DDLF-5GZ00 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFA55DDLF-5GZ00 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFA55DDLF-5GZ00 Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFA55DDLF-5GZ00 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFAXX Series Issue February 2009 Sheet 1 of 4
Low return loss
RoHS compliant
High power chip attenuators
Long life, temperature stable thin film on ceramic technology
RFAXX Series
High Frequency
Surface Mount Attenuators
RFA53SDLF
RFA54DDLF
RFA55SDLF
RFA55DDLF
Frequency Range
DC to 4GHz
DC to 4GHz
DC to 4GHz
DC to 4GHz
Power Rating @ 70°C
0.25W
0.25W
0.25W
0.25W
Attenuation
±0.2 dB
1, 2, 3, 4, 5, 6dB
±0.3 dB
7, 8, 9, 10dB
±0.4 dB
20, 30, 40dB
Impedance
50Ω ±2%
Absolute TCR
±50ppm/°C
Electrical Data
RFA84SDLF
RFA84DDLF
RFA37DDLF
Frequency Range
DC to 1GHz
DC to 1GHz
DC to 1GHz
Power Rating @ 70°C
0.50W
0.50W
1.0W
Attenuation
±0.2 dB
1, 2, 3, 4, 5, 6dB
±0.3 dB
7, 8, 9, 10dB
±0.4 dB
20, 30, 40dB
Impedance
50Ω ±2%
Absolute TCR
±50ppm/°C
The RFAXX series of 50
Ω high frequency attenuators are available
in a variety of sizes and termination styles to suit applications for mounting
on heat sinks or normal PC board materials. High thermal conductivity aluminum nitride substrates provide the
low resistance thermal path for high power dissipation applications. Frequency performance up to 4GHz assures
proper operation in RF and microwave power amplifiers, RF transmitters and receivers and RF power sources.


Similar Part No. - HFR-RFA55DDLF-5GZ00

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01030 IRCTT-HFR-RFA100LF-01030 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01220 IRCTT-HFR-RFA100LF-01220 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01230 IRCTT-HFR-RFA100LF-01230 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-02020 IRCTT-HFR-RFA100LF-02020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFA55DDLF-5GZ00

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com