Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF33LXCxxxT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XF33LXCxxxT
Description  6-Pin Ceramic LCC SMD - Tape and Reel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF33LXCxxxT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XF33LXCxxxT Datasheet HTML 1Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 2Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 3Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 4Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 5Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 6Page - Cypress Semiconductor CY2XF33LXCxxxT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRELIMINARY
CY2XF33
Document Number: 001-53148 Rev. *A
Page 4 of 7
Termination Circuits
Figure 2. LVDS Termination
AC Electrical Characteristics[4]
Parameter
Description
Condition
Min
Typ
Max
Unit
FOUT
Output Frequency[6]
50
690
MHz
FSC
Frequency Stability, commercial
devices[5]
TA = 0°C to 70°C
±35
ppm
FSI
Frequency Stability, industrial
devices[5]
TA = –40° to 85°C
±55
ppm
AG
Aging, 10 years
±15
ppm
TDC
Output Duty Cycle
F <= 450 MHz, measured at zero crossing
45
50
55
%
F > 450 MHz, measured at zero crossing
40
50
60
%
TR, TF
Output Rise and Fall Time
20% and 80% of full output swing
350
ps
TLOCK
Startup Time
Time for CLK to reach valid frequency
measured from the time VDD = VDD(min)
––
10
ms
TLFS
Re-lock Time
Time for CLK to reach valid frequency from
FS0 or FS1 pin change
––
10
ms
TJitter(φ)
RMS Phase Jitter (Random)
fOUT = 106.25 MHz (12 kHz–20 MHz)
1
ps
Notes
4. Not 100% tested, guaranteed by design and characterization.
5. Frequency stability is the maximum variation in frequency from F0. It includes initial accuracy, plus variation from temperature and supply voltage.
6. This parameter is specified in CyberClocks Online software.
CLK
CLK#
100
Ω
[+] Feedback


Similar Part No. - CY2XF33LXCxxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33LXCxxxT CYPRESS-CY2XF33LXCxxxT Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
More results

Similar Description - CY2XF33LXCxxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X013FLXCT CYPRESS-CY2X013FLXCT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com