Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X013FLXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2X013FLXIT
Description  6-Pin Ceramic LCC SMD - Tape and Reel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X013FLXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2X013FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRELIMINARY
CY2X013
Document Number: 001-10261 Rev. *B
Page 5 of 7
Figure 5. Output Rise and Fall Time
Figure 6. Output Enable and Disable Timing
Termination Circuits
Figure 7. LVDS Termination
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
OE
CLK
High Impedance
T
OHZ
T
OE
V
IL
V
IH
CLK#
CLK
CLK#
100
Ω
[+] Feedback
[+] Feedback


Similar Part No. - CY2X013FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X013FLXIT CYPRESS-CY2X013FLXIT Datasheet
313Kb / 10P
   LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
More results

Similar Description - CY2X013FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com