Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPC-10AT5A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPC-10AT5A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10AT5A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPC-10AT5A Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10AT5A Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10AT5A Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10AT5A Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10AT5A Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12 Vdc Input
Vref/2 / 10 A Output
Non-Isolated
Remote On/Off
High Efficiency
Under-voltage Lockout (UVLO)
High Power Density
OCP/SCP
Low Cost
Remote Sense
Description
The VRPC-10AT5x is a non-isolated step down dc/dc converter that operates from a nominal 12 V source. This
converter is designed specifically to provide bus termination voltages in applications such as DDR (double data
rate) memory where the bus termination voltage must closely track the I/O bus voltage. The converter accepts a
reference input and uses this to program its output voltage to 50% of the reference. The unit is packaged in an
industry-standard single-in-line footprint and provides a maximum 10 A output. Standard features include remote
on/off, input under-voltage lockout, over current protection and remote sense. Replace “x” in the part number with
“S” or “A” depending on your specific application and specific external capacitor bank.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Vref/2
12 V
10 A
25 W
82%
VRPC-10AT5S
Vref/2
12 V
10 A
25 W
82%
VRPC-10AT5A
Notes: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model number to indicate “Tray Packaging”. See page 5 for model
number differences.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
0
°C
-
70
°C
Storage Temperature
-40
°C
-
100
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
10.8 V
-
13.2 V
Input Current (full load)
-
-
2.1 A
Input Current (no load)
-
-
50 mA
Remote Off Input Current
-
3
15 mA
Input Reflected Ripple Current (pk-pk)
-
-
180 mA
Input Reflected Ripple Current (rms)
-
-
50 mA
Tested with a 470 uF/16 V input
capacitor with ESR=0.03 ohm max
at 100 kHz & simulated source
impedance of 500 nH, 5 Hz to 20
MHz.
I
2t Inrush Current Transient
-
0.08 A
2s
0.16 A
2s
Turn-on Voltage Threshold
-
9.7 V
-
Turn-off Voltage Threshold
8.0 V
8.8 V
10 V
Note: All specifications are tested at Vref =2.5 V.
VRPC-10AT5x
RoHS Compliant
Rev.A


Similar Part No. - VRPC-10AT5A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10AT5A BEL-VRPC-10AT5A Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPC-10AT5A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com