Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6724MTRPbF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6724MTRPbF
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6724MTRPbF Datasheet(HTML) 3 Page - International Rectifier

  IRF6724MTRPbF Datasheet HTML 1Page - International Rectifier IRF6724MTRPbF Datasheet HTML 2Page - International Rectifier IRF6724MTRPbF Datasheet HTML 3Page - International Rectifier IRF6724MTRPbF Datasheet HTML 4Page - International Rectifier IRF6724MTRPbF Datasheet HTML 5Page - International Rectifier IRF6724MTRPbF Datasheet HTML 6Page - International Rectifier IRF6724MTRPbF Datasheet HTML 7Page - International Rectifier IRF6724MTRPbF Datasheet HTML 8Page - International Rectifier IRF6724MTRPbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6724MPbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
ˆ Used double sided cooling, mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τι (sec)
0.99292 0.000074
2.171681 0.007859
24.14602
0.959
17.69469
32.6
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i
/Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
45
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
0.022
270
-40 to + 150
Max.
89
2.8
1.8


Similar Part No. - IRF6724MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6724MTRPBF IRF-IRF6724MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6724MTRPBF IRF-IRF6724MTRPBF Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
More results

Similar Description - IRF6724MTRPbF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com