Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPB-06F1AX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPB-06F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-06F1AX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPB-06F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 8Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/6 A Output
• Non-Isolated
• Under Voltage Lockout (UVLO)
• High Efficiency
• OCP/SCP
• High Power Density
• Remote On/Off
• Fixed Frequency (300 kHz)
• Remote Sense
• Power Good Output Signal
• Wide Trim Range
• Can Sink & Source Current
• Active High/Low (Options)
• Over Temperature Protection
Description
The Bel xRPB-06F1Ax modules are a series of non-isolated high density open frame dc/dc converters that can
deliver up to 6 A of output current with full load efficiency of 94% at 3.3 Vdc output. These modules provide
precisely regulated voltage programmable via external resistor from 0.75 Vdc to 3.63 Vdc over a wide range of
input voltage (Vin=3.0 Vdc - 5.5 Vdc). Standard features include remote On/Off, programmable output voltage,
over current protection, over thermal shutdown and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max.
Output
Current
Max.
Output
Power
Typical
Efficiency
Model
Number
Active High
Model
Number
Active Low
Model
Number
Active Low
0.75 V - 3.63 V
3.0 V - 5.5 V
6 A
22 W
94%
VRPB-06F1A0
VRPB-06F1AL
VRPB-06F1AW
1
Notes
: 1. “W” indicates special coating.
2. Add “G” suffix at the end of the model number listed above to indicate Tray Packaging. Change the first
letter of the model number from “V” to “0” for horizontal mount package.
3. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
5.8 V
Output Enable Terminal Voltage
-0.3 V
-
5.5 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Note
: All specifications are typical at 25
°C unless otherwise stated.
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo ≤ 1.8 V
Vo=2.5-3.3 V
3.0 V
4.5 V
-
-
5.5 V
5.5 V
Input Current (full load)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
4.21 A
3.26 A
2.43 A
2.07 A
1.69 A
1.14 A
-
-
-
-
-
-
xRPB-06F1Ax
RoHS Compliant
Rev.A


Similar Part No. - VRPB-06F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-06F1A0 BEL-VRPB-06F1A0 Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRPB-06F1A0 BEL-VRPB-06F1A0 Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRPB-06F1AL BEL-VRPB-06F1AL Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRPB-06F1AL BEL-VRPB-06F1AL Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRPB-06F1AW BEL-VRPB-06F1AW Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results

Similar Description - VRPB-06F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com