Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GUS-QS013A Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GUS-QS013A
Description  TaNSil Integrated Audio Passive Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-QS013A Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GUS-QS013A Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-QS013A Datasheet HTML 2Page - IRC - a TT electronics Company. GUS-QS013A Datasheet HTML 3Page - IRC - a TT electronics Company. GUS-QS013A Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
QS013 Series Issue February 2009 Sheet 1 of 4
RoHS compliant or Sn/Pb terminations available
Less than -90dB channel to channel crosstalk
Contains all AC97 signal conditioning components
Single 28-pin QSOP package saves board space and assembly cost
QS013 Series
TaNSil® Integrated Audio
Passive Network
Electrical Data
Absolute
Tolerance
Ratio
Tolerance
Absolute
TCR
Package
Power Rating
Channel to
Channel
Crosstalk
Inter-Channel
Crosstalk
±5%
to ±1%
±100ppm/°C
1.00 Watts
<-90dB @ 1KHz
<-90dB @ 1KHz
Test per
MIL-PRF-83401
Characteristic
H Limits
IRC
Maximum
IRC
Typical
Thermal Shock
±0.5
±0.1
±0.02
Power Conditioning
±0.5
±0.2
±0.05
Low Temperature Operation
±0.1
±0.1
±0.03
Short Time Overload
±0.1
±0.1
±0.03
Terminal Strength
±0.25
±0.1
±0.02
Resistance to Soldering Heat
±0.1
±0.1
±0.05
Moisture Resistance
±0.4
±0.2
±0.05
Shock
±0.25
±0.1
±0.02
Vibration
±0.25
±0.1
±0.02
Life
±0.5
±0.1
±0.10
High Temperature Exposure
±0.2
±0.1
±0.05
Low Temperature Storage
±0.1
±0.1
±0.03
25°C Double Load
±0.5
±0.1
±0.10
Environmental Data (
∆R%)


Similar Part No. - GUS-QS013A

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS014-01-1002-G IRCTT-GUS-QS014-01-1002-G Datasheet
396Kb / 2P
   R-2R Ladder Network
GUS-QS014-01-2052-G IRCTT-GUS-QS014-01-2052-G Datasheet
396Kb / 2P
   R-2R Ladder Network
GUS-QS014-02-1002-G IRCTT-GUS-QS014-02-1002-G Datasheet
396Kb / 2P
   R-2R Ladder Network
GUS-QS014-02-2052-G IRCTT-GUS-QS014-02-2052-G Datasheet
396Kb / 2P
   R-2R Ladder Network
GUS-QS014-03-1002-G IRCTT-GUS-QS014-03-1002-G Datasheet
396Kb / 2P
   R-2R Ladder Network
More results

Similar Description - GUS-QS013A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
Nexperia B.V. All right...
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
M/A-COM Technology Solu...
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
   Integrated Bias Network
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
   Integrated Bias Network
logo
Silicom Ltd.
TAPSF-100G SILICOM-TAPSF-100G Datasheet
759Kb / 3P
   external passive TAP Gigabit Ethernet network
logo
Bourns Electronic Solut...
2DAB-F6R BOURNS-2DAB-F6R Datasheet
235Kb / 4P
   Integrated Passive & Active Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com