Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3578N Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3578N
Description  Buck Pulse Width Modulator Stepdown Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3578N Datasheet(HTML) 1 Page - Texas Instruments

  UC3578N Datasheet HTML 1Page - Texas Instruments UC3578N Datasheet HTML 2Page - Texas Instruments UC3578N Datasheet HTML 3Page - Texas Instruments UC3578N Datasheet HTML 4Page - Texas Instruments UC3578N Datasheet HTML 5Page - Texas Instruments UC3578N Datasheet HTML 6Page - Texas Instruments UC3578N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UC2578
UC3578
05/99
FEATURES
• Provides Simple Single Inductor Buck
PWM Step-Down Voltage Regulation
• Drives External High Side NMOS
Switch
• 14V to 72V Input Voltage Operating
Range
• Contains 100kHz Internal Oscillator,
2V Reference and UVLO
• Soft Start on Power Up
• Overcurrent Shutdown Followed by
Soft Start
Buck Pulse Width Modulator Stepdown Voltage Regulator
14
16
11
15
10
7
6
2
3
13
12
5
4
EAINV
EAOUT
GND
GND
SRC
OUT
SS
CS
VCC
GND GND
DIODE
VGG
UC3578
C
SS
2200pF
100k
220pF
50k
R1
1k
5k
C
GG
1
µF
15
C
CC
1
µF
47
µF
10
1N4148
C
S
1000pF
R
S
1k
R
SENSE
0.12
IRFZ34
15-40 V
IN
1
µF
C
OUT
220
µF
L
OUT
40
µH
RECTIFIER
MBR 3100
V
OUT
TYPICAL APPLICATION DIAGRAM
UDG-99064
DESCRIPTION
The UC3578 is a PWM controller with an integrated high side floating gate
driver. It is used in buck step down converters and regulates a positive
output voltage. Intended to be used in a distributed power system, the IC
allows operation from 14V to 72V input voltage which range includes the
prevalent telecomm bus voltages. The output duty cycle of the UC3578
can vary between 0% and 90% for operation over the wide input voltage
and load conditions.
The UC3578 simplifies the design of the single switch PWM buck converter
by incorporating a floating high side driver for an external N-channel
MOSFET switch. It also features a 100kHz fixed frequency oscillator, an
internal 2V precision reference, an error amplifier configured for voltage
mode operation, and a PWM comparator with latching logic.
Comple-
menting the traditional voltage mode control block, the UC3578 incorpo-
rates an overcurrent shutdown circuit with full cycle soft re-start to limit the
input current to a user defined maximum value during overload operation.
Additional functions include an under voltage lockout circuit to insure that
sufficient input supply voltage is present before any switching activity can
occur.
The UC2578 and the UC3578 are both available in surface mount and
thru-hole power packages.
TEMPERATURE RANGE
PACKAGE
UC2578DP
–40°C to +85°C
Power SOIC
UC2578N
Power PDIP
UC3578DP
0°C to +70°C
Power SOIC
UC3578N
Power PDIP
ORDERING INFORMATION
application
INFO
available


Similar Part No. - UC3578N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3578 TI1-UC3578 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578DP TI1-UC3578DP Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578DPG4 TI1-UC3578DPG4 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
More results

Similar Description - UC3578N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2578 TI1-UC2578_16 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC1573 TI-UC1573 Datasheet
136Kb / 5P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2573D TI1-UC2573D Datasheet
1Mb / 12P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Refgulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com