Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8201MIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8201MIRZ
Description  10A, High Efficiency DC/DC Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8201MIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8201MIRZ Datasheet HTML 2Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 3Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 4Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 5Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 6Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 7Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 8Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 9Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6657.1
July 16, 2009
Transient Response Performance TA = +25°C, VIN = 12V, VOUT = 1.5V, PVCC = 12V, CIN = 220µFx1, 10µF/Ceramicx2, COUT = 330µF
(ESR = 10m
Ω), 22µF/Ceramicx3 I
OUT = 0-5A (10A), Current slew rate = 2.5A/µs
FIGURE 6. 1.5V TRANSIENT RESPONSE
FIGURE 7. 1.8V TRANSIENT RESPONSE
FIGURE 8. 2.5V TRANSIENT RESPONSE
FIGURE 9. 3.3V TRANSIENT RESPONSE
Typical Performance Characteristics (Continued)
VIN = 12V
VOUT = 1.5V
IOUT = 0A to 5A
VIN = 12V
VOUT = 1.8V
IOUT = 0A to 5A
VIN = 12V
VOUT = 2.5V
IOUT = 0A to 5A
VIN = 12V
VOUT = 3.3V
IOUT = 0A to 5A
PGND
PHASE
VIN
VOUT
FB
COMP/EN
ISET
PVCC
1.8V
10A
VOUT
COUT1
22µF
6.3V
x3
RFB
4.87k
CPVCC
ISL8201M
(+5V/+12V)
VIN
CIN (CER)
10µF
25V
x2
CIN (BULK)
220µF
COUT2
330µF
FIGURE 10. TYPICAL APPLICATION
ISL8201M


Similar Part No. - ISL8201MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201MIRZ INTERSIL-ISL8201MIRZ Datasheet
887Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201MIRZ RENESAS-ISL8201MIRZ Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
   10A, High Efficiency DC/DC Module
More results

Similar Description - ISL8201MIRZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
   10A High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
logo
Linear Technology
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
   10A, 28VIN High Efficiency DC/DC Module
logo
Lowpower Semiconductor ...
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
   High Efficiency 10A Boost DC/DC Convertor
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
   6A High Efficiency DC/DC Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
   High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Linear Technology
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
   6A, 28VIN High Efficiency DC/DC Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com