Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28107FBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28107FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28107FBZ Datasheet HTML 1Page - Intersil Corporation ISL28107FBZ Datasheet HTML 2Page - Intersil Corporation ISL28107FBZ Datasheet HTML 3Page - Intersil Corporation ISL28107FBZ Datasheet HTML 4Page - Intersil Corporation ISL28107FBZ Datasheet HTML 5Page - Intersil Corporation ISL28107FBZ Datasheet HTML 6Page - Intersil Corporation ISL28107FBZ Datasheet HTML 7Page - Intersil Corporation ISL28107FBZ Datasheet HTML 8Page - Intersil Corporation ISL28107FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6631.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL28107, ISL28207
Precision Single and Dual Low Noise
Operational Amplifiers
The ISL28107 and ISL28207 are single and dual amplifiers
featuring low input bias current, low noise, and low offset
and temperature drift. This makes them the ideal choice for
applications requiring both high DC accuracy and AC
performance. The combination of precision, low noise, and
small footprint provides the user with outstanding value and
flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 single is available in an 8 Ld SOIC package.
The ISL28207 dual amplifier will be offered in 8 Ld SOIC
package. All devices are offered in standard pin
configurations and operate over the extended temperature
range to -40°C to +125°C.
Pinouts
Features
• Low Input Offset . . . . . . . . . . . . . . . . . . . . . . . . 75µV, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 60pA
• Superb Temperature Drift
- Voltage Offset . . . . . . . . . . . . . . . . . . . . 0.65µV/°C, Max.
- Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2pA/°C
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
- Charged Device Model . . . . . . . . . . . . . . . . . . . . . 1.5kV
• Very Low Voltage Noise, 10Hz. . . . . . . . . . . . . . 14nV/
√Hz
• Low Current Consumption (per amp . . . . . . 0.29mA, Max.
• Gain-bandwidth Product. . . . . . . . . . . . . . . . . . . . . . 1MHz
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating Temperature Range . . . . . . . . -40°C to +125°C
• No Phase Reversal
• Pb-Free (RoHS Compliant)
Applications
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Geophysical Analysis Equipment
• Telecom Equipment
• Active Filter Blocks
• Microphone Pre-amplifier
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28207FBZ*
28207 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28107FBZ*
28107 FBZ
8 Ld SOIC
MDP0027
*Add “-T13” suffix for tape and reel.Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
ISL28107
(8 LD SOIC)
TOP VIEW
ISL28207
(8 LD SOIC)
TOP VIEW
NC
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
NC
V+
VOUTA
NC
+
-
VOUTA
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUTB
-IN_B
+IN_B
+
-
+-
Data Sheet
June 5, 2009


Similar Part No. - ISL28107FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
More results

Similar Description - ISL28107FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com