Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3909 Datasheet(PDF) 8 Page - Texas Instruments

Part # UC3909
Description  Switchmode Lead-Acid Battery Charger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3909 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC3909 Datasheet HTML 2Page - Texas Instruments UC3909 Datasheet HTML 3Page - Texas Instruments UC3909 Datasheet HTML 4Page - Texas Instruments UC3909 Datasheet HTML 5Page - Texas Instruments UC3909 Datasheet HTML 6Page - Texas Instruments UC3909 Datasheet HTML 7Page - Texas Instruments UC3909 Datasheet HTML 8Page - Texas Instruments UC3909 Datasheet HTML 9Page - Texas Instruments UC3909 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
UC2909
UC3909
During the bulk charge state, the voltage error amplifier
is now operational and is commanding maximum charge
current (IBULK) set by Equation 1. The voltage loop at-
tempts to force the battery to VOC.
C) Overcharge State
STAT0 = STATLV = logic 0, STAT1 = logic 1
The battery voltage surpasses 95% of VOC indicating
the UC3909 is in its overcharge state.
During the overcharge charge state, the voltage loop be-
comes stable and the charge current begins to taper off.
As the charge current tapers off, the voltage at CSO in-
creases toward its null point of 2.3V. The center connec-
tion of the two resistors between CSO and VLOGIC sets
the overcurrent taper threshold (OVCTAP). Knowing the
desired overcharge terminate current (IOCT), the resistors
ROVC1 and ROVC2 can be calculated by choosing a value
of ROVC2 and using the following equation:
(5)
()
RI
RS
R
OVC
OCT
OVC
12
18518
=•
.
D) Float State
STAT0 = STAT1 = STATLV = logic 1
The battery charge current tapers below its OVCTAP
threshold, and forces STATLV high increasing the volt-
age sense divider ratio. The voltage loop now forces the
battery charger to regulate at its float state voltage (VF).
(6)
()
()
VV
RS
RS
RS
RS
FREF
=
++
123
3
If the load drains the battery to less than 90% of VF, the
charger goes back to the bulk charge state, STATE 1.
OFF LINE APPLICATIONS
For off line charge applications, either Figure 3 or Figure
4 can be used as a baseline. Figure 3 has the advan-
tage of high frequency operation resulting in a small iso-
lation transformer. Figure 4 is a simpler design, but at
the expense of larger magnetics.
APPLICATION INFORMATION (cont.)
Figure 3. Off line charger with primary side PWM
UDG-95009


Similar Part No. - UC3909

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3909 TI1-UC3909 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC3909DW TI1-UC3909DW Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC3909DWG4 TI1-UC3909DWG4 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC3909DWTR TI1-UC3909DWTR Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC3909DWTRG4 TI1-UC3909DWTRG4 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
More results

Similar Description - UC3909

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC3909Q TI-UC3909Q Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com