Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV634IPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV634IPT
Description  Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV634IPT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV634IPT Datasheet HTML 1Page - STMicroelectronics TSV634IPT Datasheet HTML 2Page - STMicroelectronics TSV634IPT Datasheet HTML 3Page - STMicroelectronics TSV634IPT Datasheet HTML 4Page - STMicroelectronics TSV634IPT Datasheet HTML 5Page - STMicroelectronics TSV634IPT Datasheet HTML 6Page - STMicroelectronics TSV634IPT Datasheet HTML 7Page - STMicroelectronics TSV634IPT Datasheet HTML 8Page - STMicroelectronics TSV634IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
June 2009
Doc ID 15688 Rev 2
1/26
26
TSV632, TSV633, TSV634, TSV635
Rail-to-rail input/output 60 µA 880 kHz operational amplifiers
Features
Rail-to-rail input and output
Low power consumption: 60 µA typ at 5 V
Low supply voltage: 1.5 V - 5.5 V
Gain bandwidth product: 880 kHz typ
Unity gain stability
Low power shutdown mode: 5 nA typ
Low offset voltage: 800 µV max (A version)
Low input bias current: 1 pA typ
EMI hardened op-amps
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40° C to
+125° C
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV63x series of dual and quad operational
amplifiers offers low voltage operation and rail-to-
rail input and output.
This family features an excellent speed/power
consumption ratio, offering a 880 kHz gain-
bandwidth product while consuming only 60 µA at
5 V supply voltage. The devices also feature an
ultra-low input bias current and have a shutdown
mode (TSV633, TSV635).
These features make the TSV63x family ideal for
sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSSOP-14
MiniSO-8
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV634IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV634 STMICROELECTRONICS-TSV634 Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV634A STMICROELECTRONICS-TSV634A Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results

Similar Description - TSV634IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com