Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6755AAZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6755AAZA
Description  ZVS Full-Bridge PWM Controller with Average Current Limit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6755AAZA Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6755AAZA Datasheet HTML 1Page - Intersil Corporation ISL6755AAZA Datasheet HTML 2Page - Intersil Corporation ISL6755AAZA Datasheet HTML 3Page - Intersil Corporation ISL6755AAZA Datasheet HTML 4Page - Intersil Corporation ISL6755AAZA Datasheet HTML 5Page - Intersil Corporation ISL6755AAZA Datasheet HTML 6Page - Intersil Corporation ISL6755AAZA Datasheet HTML 7Page - Intersil Corporation ISL6755AAZA Datasheet HTML 8Page - Intersil Corporation ISL6755AAZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6442.1
September 29, 2008
RAMP
RAMP Sink Current Device Impedance
VRAMP = 1.1V
-
-
20
Ω
RAMP to PWM Comparator Offset
TA = +25°C
65
80
95
mV
Bias Current
VRAMP = 0.3V
-5.0
-
-2.0
µA
PULSE WIDTH MODULATOR
Minimum Duty Cycle
VERR < 0.6V
-
-
0
%
Maximum Duty Cycle (per half-cycle)
VERR = 4.20V, VRAMP = 0V,
VCS = 0V (Note 5)
-
94
-
%
RTD = 2.00k
Ω, CT = 220pF
-
97
-
%
RTD = 2.00k
Ω, CT = 470pF
-
99
-
%
Zero Duty Cycle VERR Voltage
0.85
-
1.20
V
VERR to PWM Comparator Input Offset
TA = +25°C
0.7
0.8
0.9
V
VERR to PWM Comparator Input Gain
0.31
0.33
0.35
V/V
Common Mode (CM) Input Range
(Note 4)
0
-
VSS
V
ERROR AMPLIFIERS
Input Common Mode (CM) Range
(Note 4)
0
-
VREF
V
GBWP
(Note 4)
5
-
-
MHz
VERR VOL
ILOAD = 2mA
-
-
0.4
V
VERR VOH
ILOAD = 0mA
4.20
-
-
V
VERR Pull-Up Current Source
VERR = 2.5V
0.8
1.0
1.3
mA
EA Reference
TA = 25°C
0.594
0.600
0.606
V
EA Reference + EA Input Offset Voltage
0.590
0.600
0.612
V
OSCILLATOR
Frequency Accuracy, Overall
(Note 4)
165
183
201
kHz
-10
-
+10
%
Frequency Variation with VDD
TA = +25°C, (F20V- - F10V)/F10V
-0.3
1.7
%
Temperature Stability
VDD = 10V, |F-40°C - F0°C|/F0°C
-4.5
-
%
|F0°C - F105°C|/F25°C
(Note 4)
-1.5
-
%
Charge Current
TA = +25°C
-193
-200
-207
µA
Discharge Current Gain
19
20
23
µA/µA
CT Valley Voltage
Static Threshold
0.75
0.80
0.88
V
CT Peak Voltage
Static Threshold
2.75
2.80
2.88
V
CT Pk-Pk Voltage
Static Value
1.92
2.00
2.05
V
RTD Voltage
1.97
2.00
2.03
V
RESDEL Voltage Range
0-
2
V
CTBUF Gain (VCTBUFP-P/VCTP-P)VCT = 0.8V, 2.6V
1.95
2.0
2.05
V/V
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VDD < 20V, RTD = 10.0kΩ, CT = 470pF, TA = -40°C to +105°C, Typical values are at
TA = +25°C; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6755


Similar Part No. - ISL6755AAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6755AAZA RENESAS-ISL6755AAZA Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results

Similar Description - ISL6755AAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
logo
National Semiconductor ...
LM5039 NSC-LM5039 Datasheet
527Kb / 24P
   Half-Bridge PWM Controller with Average Current Limit
logo
Texas Instruments
LM5039 TI-LM5039_15 Datasheet
1Mb / 33P
[Old version datasheet]   Half-Bridge PWM Controller with Average Current Limit
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com