Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28266FUZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28266FUZ
Description  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28266FUZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28266FUZ Datasheet HTML 1Page - Intersil Corporation ISL28266FUZ Datasheet HTML 2Page - Intersil Corporation ISL28266FUZ Datasheet HTML 3Page - Intersil Corporation ISL28266FUZ Datasheet HTML 4Page - Intersil Corporation ISL28266FUZ Datasheet HTML 5Page - Intersil Corporation ISL28266FUZ Datasheet HTML 6Page - Intersil Corporation ISL28266FUZ Datasheet HTML 7Page - Intersil Corporation ISL28266FUZ Datasheet HTML 8Page - Intersil Corporation ISL28266FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6155.4
August 29, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1500V
Thermal Resistance (Typical Note 1)
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
160
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
120
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +125°C. Temperature data established by characterization
.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
VOS
Input Offset Voltage
-700
-800
-7
700
800
µV
Input Offset Drive vs Temperature
1.5
µV/°C
IOS
Input Offset Current
-1.5
-5
0.34
1.2
2.5
nA
IB
Input Bias Current
-5
-5.5
1.14
5
5.5
nA
EN
Input Noise Voltage Density
FO = 1kHz
46
nV/
√Hz
IN
Input Noise Current Density
FO = 1kHz
0.14
pA/
√Hz
CMIR
Input Common-Mode Voltage Range
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
75
110
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5V
90
75
104
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
200
175
412
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
35
30
70
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ
36
8
mV
Output low, RL = 1kΩ
130
150
200
mV
Output high, RL = 100kΩ
4.992
4.99
4.995
V
Output high, RL = 1kΩ
4.85
4.8
4.88
V
SR
Slew Rate
0.05
V/µs
GBW
Gain Bandwidth Product
AV = 1
250
kHz
ΔV
OS
ΔT
----------------
ISL28166, ISL28266


Similar Part No. - ISL28266FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28266FUZ INTERSIL-ISL28266FUZ Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266FUZ-T7 INTERSIL-ISL28266FUZ-T7 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Similar Description - ISL28266FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com