Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV635 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV635
Description  Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV635 Datasheet(HTML) 2 Page - STMicroelectronics

  TSV635 Datasheet HTML 1Page - STMicroelectronics TSV635 Datasheet HTML 2Page - STMicroelectronics TSV635 Datasheet HTML 3Page - STMicroelectronics TSV635 Datasheet HTML 4Page - STMicroelectronics TSV635 Datasheet HTML 5Page - STMicroelectronics TSV635 Datasheet HTML 6Page - STMicroelectronics TSV635 Datasheet HTML 7Page - STMicroelectronics TSV635 Datasheet HTML 8Page - STMicroelectronics TSV635 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Contents
TSV63x
2/26
Doc ID 15688 Rev 2
Contents
1
Package pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Absolute maximum ratings and operating conditions . . . . . . . . . . . . . 4
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.1
Operating voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.2
Rail-to-rail input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.3
Rail-to-rail output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.4
Shutdown function (TSV633 - TSV635) . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.5
Optimization of DC and AC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.6
Driving resistive and capacitive loads . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.7
PCB layouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.8
Macromodel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5.1
SOT23-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
5.2
SO-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
5.3
MiniSO-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
5.4
MiniSO-10 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
5.5
TSSOP14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
5.6
TSSOP16 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


Similar Part No. - TSV635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV635 STMICROELECTRONICS-TSV635 Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV635A STMICROELECTRONICS-TSV635A Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results

Similar Description - TSV635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com