Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28266 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28266
Description  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28266 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28266 Datasheet HTML 5Page - Intersil Corporation ISL28266 Datasheet HTML 6Page - Intersil Corporation ISL28266 Datasheet HTML 7Page - Intersil Corporation ISL28266 Datasheet HTML 8Page - Intersil Corporation ISL28266 Datasheet HTML 9Page - Intersil Corporation ISL28266 Datasheet HTML 10Page - Intersil Corporation ISL28266 Datasheet HTML 11Page - Intersil Corporation ISL28266 Datasheet HTML 12Page - Intersil Corporation ISL28266 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6155.4
August 29, 2008
ISL28166, ISL28266
SOT-23 Package Family
e1
N
A
D
E
4
3
2
1
E1
0.15
D
C
2X
0.20 C
2X
e
B
0.20 M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
+3°
-0°
GAUGE
PLANE
A
MDP0038
SOT-23 PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
SOT23-5
SOT23-6
A
1.45
1.45
MAX
A1
0.10
0.10
±0.05
A2
1.14
1.14
±0.15
b
0.40
0.40
±0.05
c
0.14
0.14
±0.06
D
2.90
2.90
Basic
E
2.80
2.80
Basic
E1
1.60
1.60
Basic
e
0.95
0.95
Basic
e1
1.90
1.90
Basic
L
0.45
0.45
±0.10
L1
0.60
0.60
Reference
N
5
6
Reference
Rev. F 2/07
NOTES:
1. Plastic or metal protrusions of 0.25mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are not
included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(SOT23-6 only).
6. SOT23-5 version has no center lead (shown as a dashed line).


Similar Part No. - ISL28266

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28266 INTERSIL-ISL28266 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266 INTERSIL-ISL28266 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266FAZ-T7 INTERSIL-ISL28266FAZ-T7 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266FBZ INTERSIL-ISL28266FBZ Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266FBZ-T7 INTERSIL-ISL28266FBZ-T7 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Similar Description - ISL28266

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com