Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T810H
Description  High temperature 8 A sensitive TRIACs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810H Datasheet(HTML) 3 Page - STMicroelectronics

  T810H Datasheet HTML 1Page - STMicroelectronics T810H Datasheet HTML 2Page - STMicroelectronics T810H Datasheet HTML 3Page - STMicroelectronics T810H Datasheet HTML 4Page - STMicroelectronics T810H Datasheet HTML 5Page - STMicroelectronics T810H Datasheet HTML 6Page - STMicroelectronics T810H Datasheet HTML 7Page - STMicroelectronics T810H Datasheet HTML 8Page - STMicroelectronics T810H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T810H
Characteristics
Doc ID 15714 Rev 1
3/10
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 11.3 A, tp = 380 µs
Tj = 25 °C
MAX.
1.5
V
Vt0
(1)
Threshold voltage
Tj = 150 °C
MAX.
0.80
V
Rd
(1)
Dynamic resistance
Tj = 150 °C
MAX.
55.0
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5
µA
Tj = 150 °C
MAX.
3.1
mA
VD/VR = 400 V (at peak mains voltage) Tj = 150 °C
MAX.
2.5
VD/VR = 200 V (at peak mains voltage) Tj = 150 °C
MAX.
2.0
1.
for both polarities of A2 referenced to A1.
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
1.60
°C/W
Rth(j-a)
Junction to ambient
S = 1 cm2
D2PAK
45
TO-220AB
60
Figure 1.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
0
1
2
3
4
5
6
7
8
9
10
012345678
P(W)
IT(RMS)(A)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
I
T(RMS)(A)
TC(°C)


Similar Part No. - T810H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810 STMICROELECTRONICS-T810 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
T810 STMICROELECTRONICS-T810 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T810-400B STMICROELECTRONICS-T810-400B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T810H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
   High temperature 10 A sensitive TRIACs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
logo
Littelfuse
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
   Sensitive Triacs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com