Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA2500D Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 4Page - STMicroelectronics STA2500D Datasheet HTML 5Page - STMicroelectronics STA2500D Datasheet HTML 6Page - STMicroelectronics STA2500D Datasheet HTML 7Page - STMicroelectronics STA2500D Datasheet HTML 8Page - STMicroelectronics STA2500D Datasheet HTML 9Page - STMicroelectronics STA2500D Datasheet HTML 10Page - STMicroelectronics STA2500D Datasheet HTML 11Page - STMicroelectronics STA2500D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Quick reference data
STA2500D
8/57
Doc ID 16067 Rev 1
2.3
I/O specifications
The I/Os comply with the EIA/JEDEC standard JESD8-B.
2.4
Clock specifications
The STA2500D supports, on the BT_REF_CLK_IN pin, the system clock both as a sine
wave clock and as a digital clock. For configuration, see Table 13: pin BT_VDD_CLD (E6).
Table 4.
DC input specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL_BT
Low level input voltage
-0.2
-
0.35 *
BT_VIO_x
V
VIH_BT
High level input voltage
0.65 *
BT_VIO_x
-
(BT_VIO_x
+ 0.2) and
(
≤ 2.85)
V
Cin_BT
Input capacitance(1)
1.
Except for the system clock.
1-
2.5
pF
Rpu
Pull-up equivalent resistance (with Vin = 0 V)
31
47
73
k
Ω
Rpd
Pull-down equiv. resistance (with Vin = BT_VIO_x)
29
50
100
k
Ω
Vhyst
Schmitt trigger hysteresis (at BT_VIO_A = 1.8 V)
except for BT_CONFIG1-3, BT_RESETN,
BT_WAKEUP
0.4
0.5
0.6
V
Vhyst
Schmitt trigger hysteresis (at BT_VIO_x = 1.8 V)
for BT_CONFIG1-3, BT_RESETN, BT_WAKEUP,
BT_LP_CLK
0.223
-
0.314
V
Vhyst
Schmitt trigger hysteresis (at BT_VIO_B = 1.3 V)
0.2
-
0.3
V
Table 5.
DC output specification
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOL_BT
Low level output voltage
Id = X
(1) mA
1.
X is the source/sink current under worst-case conditions according to the drive capabilities (see Section 3)
--
0.15
V
VOH_BT
High level output voltage
Id = X
(1) mA
BT_VIO_x
- 0.25
--
V
Table 6.
System clock supported frequencies
Symbol
Parameter
Values
Unit
FIN
Clock input frequency list
9.6, 10, 13, 16, 16.8, 19.2,
26, 33.6, 38.4
MHz
Table 7.
System clock overall specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FINTOL
Tolerance on input frequency
-20
-
20
ppm


Similar Part No. - STA2500D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2500D STMICROELECTRONICS-STA2500D_10 Datasheet
590Kb / 58P
   Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com