Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA2065 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA2065
Description  Cartesio??family infotainment application processor with embedded GPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA2065 Datasheet HTML 2Page - STMicroelectronics STA2065 Datasheet HTML 3Page - STMicroelectronics STA2065 Datasheet HTML 4Page - STMicroelectronics STA2065 Datasheet HTML 5Page - STMicroelectronics STA2065 Datasheet HTML 6Page - STMicroelectronics STA2065 Datasheet HTML 7Page - STMicroelectronics STA2065 Datasheet HTML 8Page - STMicroelectronics STA2065 Datasheet HTML 9Page - STMicroelectronics STA2065 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
System description
STA2065
6/20
Doc ID16050 Rev 1
2.3.6
Real-time clock (RTC)
The RTC provides a one second resolution clock. This keeps time when the system is
inactive and can be used to wake the system up when a programmed ‘alarm’ time is
reached. It has a clock trimming feature to compensate the drift of the 32.768 kHz crystal.
2.3.7
Real-time timer (RTT)
The RTT has the possibility of being clocked off. This reduces the always_on domain
consumption during Deep Sleep. By default the RTT has its clock enabled.
2.3.8
Always_ON supply
The “Always_ON” domain retains its two separate supplies, one for the core logic (VDDON)
and one for the IOs (VIOON).
The VDDON supply is equal to VDD during normal operation but, with the goal of reaching the
lowest consumption possible, can also be configured as low as 1.0 ±10%V when the device
is in deep-sleep.
2.3.9
Enhanced function timer (EFT)
STA2065 features 4 16-bit EFTs. Each of the four EFT timers has a 16-bit free-running
counter with 7-bit prescaler, up to two input capture/output compare functions, a pulse
counter function, and a PWM channel with selectable frequency.
2.3.10
Watchdog timer (WDT)
This OS resource is used to trigger a system reset in the event of software failure.
2.4
Memory interfaces
2.4.1
Flexible static memory controller (FSMC)
The flexible static memory controller (FSMC) supports, with two chip selects:
ROM
Static RAM
NOR type flash memories, not multiplexed
NOR type flash memories, multiplexed
It also supports, with two additional separate chip selects:
NAND type flash memories, SLC small or large page
NAND type flash memories, MLC
For NAND type of memories, the FSMC has been enhanced to implement an error
correction in hardware, based on the Bose-Chaudhuri-Hocquenghem (BCH) code, able to
correct up to 8-bit over 512 bytes+syndrome. The BCH code will calculate, in hardware, the
syndrome only. The actual correction will be implemented through S/W intervention.


Similar Part No. - STA2065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2062 STMICROELECTRONICS-STA2062 Datasheet
160Kb / 5P
   Cartesio??Infotainment application processor with embedded GPS
STA2062A STMICROELECTRONICS-STA2062A Datasheet
159Kb / 5P
   Cartesio??family infotainment application processor with embedded GPS
STA2064 STMICROELECTRONICS-STA2064 Datasheet
256Kb / 19P
   Cartesio??family infotainment application processor with embedded GPS
STA2064A STMICROELECTRONICS-STA2064A Datasheet
256Kb / 19P
   Cartesio??family infotainment application processor with embedded GPS
STA2064N STMICROELECTRONICS-STA2064N Datasheet
256Kb / 19P
   Cartesio??family infotainment application processor with embedded GPS
More results

Similar Description - STA2065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2062A STMICROELECTRONICS-STA2062A Datasheet
159Kb / 5P
   Cartesio??family infotainment application processor with embedded GPS
STA2064 STMICROELECTRONICS-STA2064 Datasheet
256Kb / 19P
   Cartesio??family infotainment application processor with embedded GPS
STA2062 STMICROELECTRONICS-STA2062 Datasheet
160Kb / 5P
   Cartesio??Infotainment application processor with embedded GPS
logo
Telit loT Solutions
SE878K7-A TELIT-SE878K7-A Datasheet
650Kb / 2P
   GPS Embedded
logo
Advantech Co., Ltd.
EWM-G108H ADVANTECH-EWM-G108H Datasheet
502Kb / 1P
   Embedded GPS
logo
AAEON Technology
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
   PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
   Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
   Intel Atom Processor E3900 Family-Based Embedded platform
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com