Electronic Components Datasheet Search |
|
ACST12-7ST-TR Datasheet(PDF) 10 Page - STMicroelectronics |
|
ACST12-7ST-TR Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 12 page Package information ACST12 10/12 Figure 21. Footprint (dimensions in mm) Table 7. D2PAK dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.30 4.60 0.169 0.181 A1 2.49 2.69 0.098 0.106 A2 0.03 0.23 0.001 0.009 B 0.70 0.93 0.027 0.037 B2 1.25 1.40 0.048 0.055 C 0.45 0.60 0.017 0.024 C2 1.21 1.36 0.047 0.054 D 8.95 9.35 0.352 0.368 E 10.00 10.28 0.393 0.405 G 4.88 5.28 0.192 0.208 L 15.00 15.85 0.590 0.624 L2 1.27 1.40 0.050 0.055 L3 1.40 1.75 0.055 0.069 R 0.40 0.016 V2 0° 8° 0° 8° G L L3 L2 B B2 E 2mm min. FLAT ZONE A C2 D R A2 V2 C A1 16.90 10.30 8.90 3.70 5.08 1.30 |
Similar Part No. - ACST12-7ST-TR |
|
Similar Description - ACST12-7ST-TR |