Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACST12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST12
Description  Transient protected AC power switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST12 Datasheet(HTML) 4 Page - STMicroelectronics

  ACST12 Datasheet HTML 1Page - STMicroelectronics ACST12 Datasheet HTML 2Page - STMicroelectronics ACST12 Datasheet HTML 3Page - STMicroelectronics ACST12 Datasheet HTML 4Page - STMicroelectronics ACST12 Datasheet HTML 5Page - STMicroelectronics ACST12 Datasheet HTML 6Page - STMicroelectronics ACST12 Datasheet HTML 7Page - STMicroelectronics ACST12 Datasheet HTML 8Page - STMicroelectronics ACST12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ACST12
4/12
Figure 6.
On-state characteristics
(maximum values)
Figure 7.
Non repetitive surge peak on-state
current vs. number of cycles
(Tj initial = 25 °C)
1
10
100
1000
01
23
4
5
ITM (A)
T
j=25 °C
T
j=125 °C
T
j max :
V
to = 0.90 V
R
d = 30 mΩ
VTM (V)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
I(A)
TSM
Non repetitive
T
j initial=25 °C
One cycle
t=20ms
Repetitive
T
C=104 °C
Number of cycles
Figure 8.
Non repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding value of I²t
Figure 9.
Relative variation of gate triggering
current (IGT) and voltage (VGT) vs.
junction temperature (typical value)
I
(A), I t (A s)
TSM
22
1
10
100
1000
10000
0.01
0.10
1.00
10.00
Tj initial=25 °C
dI/dt limitation: 100 A/µs
ITSM
I²t
tP(ms)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
I
GT Q1-Q2
V
GT Q1-Q2-Q3
I
GT Q3
Tj(°C)
I , V [T ] / I , V [T = 25 °C]
GT
GT
j
GT
GT
j
Figure 10.
Relative variation of holding
current (IH) and latching current (IL)
vs. junction temperature
Figure 11.
Relative variation of critical rate of
decrease of main current (di/dt)c
vs. (dV/dt)c
I ,I [T ]/I , I [T = 25 °C]
H
L
j
H
L
j
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
I
H
I
L
Tj(°C)
Typical values
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
ACST12-7Cxx
ACST12
-7Sxx
(di/dt)c[(dV/dt)c] / Specified(di/dt)c
(dV/dt)c (V/µs)


Similar Part No. - ACST12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
   Overvoltage protected AC switch
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
   Overvoltage protected AC switch
ACST1210-7GTR STMICROELECTRONICS-ACST1210-7GTR Datasheet
163Kb / 13P
   Overvoltage protected AC switch
ACST1210-7GTR STMICROELECTRONICS-ACST1210-7GTR Datasheet
163Kb / 13P
   Overvoltage protected AC switch
ACST1210-7T STMICROELECTRONICS-ACST1210-7T Datasheet
163Kb / 13P
   Overvoltage protected AC switch
More results

Similar Description - ACST12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
   A logic-level transient-voltage protected AC switch
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com