Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-D1206-01-1003-3301-AA Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PFC-D1206-01-1003-3301-AA
Description  TaNFilm Precision Chip Voltage Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-D1206-01-1003-3301-AA Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PFC-D1206-01-1003-3301-AA Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-D1206-01-1003-3301-AA Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-D1206-01-1003-3301-AA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC Series Issue January 2009 Sheet 1 of 3
TaNFilm® Precision Chip
Voltage Divider
PFC Divider Series
Popular 1206 Chip Size
5
Ω to 150KΩ per resistor
Tested for COTS applications
Superior alternative to matched sets
Standard Sn/Pb and 100% tin (Pb-free) terminations available
IRC now has a perfect voltage divider solution. Designed around the 1206 sized chip,
the PFC Divider series provides a single package solution that is compatible with your
automatic placement equipment. The ratio tolerance can be specified down to 0.05%* which is much tighter than the 0.2% achievable
from two individual 0.1% chip resistors. Similarly, the TCR tracking of 5 ppm/°C is far superior to the tracking obtainable from two
individual 25 ppm/°C chip resistors. IRC’s TaNFilm® Tantalum Nitride film system provides superior environmental performance
while insuring long term life stability.
This dual element, monolithic package offers the advantages of reducing component quantities and board space while increasing
quality and reliability.
For a precision voltage divider network in a small package solution, specify IRC TaNFilm® PFC Dividers.
Electrical Data
Characteristic
Each
Resistor
Total
Resistance
Resistance Range
10 - 150K
200K
Power Rating
125mW
250mW
Absolute TCR
to ±25ppm/°C*
Tracking TCR
to ±5ppm/°C*
Maximum Voltage Rating
100 volts
Operating Temperature Range
-65°C to +150°C
Noise
Less than -25 db
Termination
60/40 Sn/Pb or 100% tin (Pb-free)
*Tighter Tolerance and Higher Resistance value available. Contact factory for more information


Similar Part No. - PFC-D1206-01-1003-3301-AA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-D TTELEC-PFC-D Datasheet
585Kb / 3P
   Tested for COTS applications
More results

Similar Description - PFC-D1206-01-1003-3301-AA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
IRC - a TT electronics ...
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com